Electronic Components Datasheet Search
  English  ▼

X  

UPD4416004 Datasheet(PDF) 6 Page - NEC

Part # UPD4416004
Description  16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4416004 Datasheet(HTML) 6 Page - NEC

Back Button UPD4416004 Datasheet HTML 2Page - NEC UPD4416004 Datasheet HTML 3Page - NEC UPD4416004 Datasheet HTML 4Page - NEC UPD4416004 Datasheet HTML 5Page - NEC UPD4416004 Datasheet HTML 6Page - NEC UPD4416004 Datasheet HTML 7Page - NEC UPD4416004 Datasheet HTML 8Page - NEC UPD4416004 Datasheet HTML 9Page - NEC UPD4416004 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet M14078EJ4V0DS
6
µµµµPD4416004
Read Cycle
Parameter
Symbol
-A 15
-A 17
Unit
Notes
MIN.
MAX.
MIN.
MAX.
Read cycle time
tRC
15
17
ns
Address access time
tAA
15
17
ns
1
/CS access time
tACS
15
17
ns
/OE access time
tOE
78
ns
Output hold from address change
tOH
33
ns
/CS to output in low impedance
tCLZ
3
3
ns
2, 3
/OE to output in low impedance
tOLZ
00
ns
/CS to output in high impedance
tCHZ
78
ns
/OE to output hold in high impedance
tOHZ
78
ns
Notes 1. See the output load shown in Figure 1.
2. Transition is measured at
±200 mV from steady-state voltage with the output load shown in Figure 2.
3. These parameters are periodically sampled and not 100% tested.
Read Cycle Timing Chart 1 (Address Access)
tOH
tRC
tAA
Address (Input)
I/O (Output)
Previous data out
Data out
Remarks 1. In read cycle, /WE should be fixed to high level.
2. /CS = /OE = VIL
Read Cycle Timing Chart 2 (/CS Access)
Address (Input)
tRC
tAA
tOLZ
/CS (Input)
Data output
tOHZ
High impedance
tACS
/OE (Input)
tOE
tCLZ
tCHZ
High impedance
I/O (Output)
Caution
Address valid prior to or coincident with /CS low level input.
Remark
In read cycle, /WE should be fixed to high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com