Electronic Components Datasheet Search
  English  ▼

X  

UPD4416004 Datasheet(PDF) 4 Page - NEC

Part # UPD4416004
Description  16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4416004 Datasheet(HTML) 4 Page - NEC

  UPD4416004 Datasheet HTML 1Page - NEC UPD4416004 Datasheet HTML 2Page - NEC UPD4416004 Datasheet HTML 3Page - NEC UPD4416004 Datasheet HTML 4Page - NEC UPD4416004 Datasheet HTML 5Page - NEC UPD4416004 Datasheet HTML 6Page - NEC UPD4416004 Datasheet HTML 7Page - NEC UPD4416004 Datasheet HTML 8Page - NEC UPD4416004 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet M14078EJ4V0DS
4
µµµµPD4416004
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
–0.5
Note to +4.0
V
Input / Output voltage
VT
–0.5
Note to +4.0
V
Operating ambient temperature
TA
0 to 70
°C
Storage temperature
Tstg
–55 to +125
°C
Note –2.0 V (MIN.) (pulse width : 2 ns)
Caution
Exposing the device to stress above those listed in Absolute Maximum Rating could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
3.0
3.3
3.6
V
High level input voltage
VIH
2.0
VCC + 0.3
V
Low level input voltage
VIL
–0.3
Note
+0.8
V
Operating ambient temperature
TA
070
°C
Note –2.0 V (MIN.) (pulse width : 2 ns)
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Input leakage current
ILI
VIN = 0 V to VCC
–2
+2
µA
Output leakage current
ILO
VI/O = 0 V to VCC, /CS = VIH or /OE = VIH or
–2
+2
µA
/WE = VIL
Operating supply current
ICC
/CS = VIL, II/O = 0 mA,
Cycle time : 15 ns
220
mA
Minimum cycle time
Cycle time : 17 ns
210
Standby supply current
ISB
/CS = VIH, VIN = VIH or VIL, Minimum cycle time
80
mA
ISB1
/CS
≥ VCC – 0.2 V,
10
VIN
≤ 0.2 V or VIN ≥ VCC – 0.2 V
High level output voltage
VOH
IOH = –4.0 mA
2.4
V
Low level output voltage
VOL
IOL = +8.0 mA
0.4
V
Remark
VIN : Input voltage, VI/O : Input / Output voltage
Capacitance (TA = 25
°°°°C, f = 1 MHz)
Parameter
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
VIN = 0 V
6
pF
Input / Output capacitance
CI/O
VI/O = 0 V
8
pF
Remarks 1. VIN : Input voltage, VI/O : Input / Output voltage
2. These parameters are periodically sampled and not 100% tested.
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com