Electronic Components Datasheet Search
  English  ▼

X  

OV9650 Datasheet(PDF) 21 Page - OmniVision Technologies, Inc.

Part # OV9650
Description  OV9650 Color CMOS SXGA (1.3 MegaPixel) CAMERACHIPTM with OmniPixelTM Technology
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9650 Datasheet(HTML) 21 Page - OmniVision Technologies, Inc.

Back Button OV9650 Datasheet HTML 17Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 18Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 19Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 20Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 21Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 22Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 23Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 24Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 25Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Register Set
Version 1.7, December 3, 2004
Proprietary to OmniVision Technologies
21
Omni ision
8C
COM22
00
RW
Common Control 22
Bit[7:6]: Edge enhancement threshold[5:4]
(see register EDGE[7:4} for Edge threshold[3:0])
Bit[5]:
De-noise enable
Bit[4:2]: Reserved
Bit[1]:
White-pixel erase enable
Bit[0]:
White-pixel erase option
8D
COM23
00
RW
Common Control 23
Bit[7:5]: Reserved
Bit[4]:
Color bar test mode
Bit[3:2]: Reserved
Bit[1]:
Color gain option
0:
Digital
1:
Analog
Bit[0]:
Reserved
8E
COM24
00
RW
Common Control 24
Bit[7:0]: Reserved
8F
DBLC1
0F
RW
Digital BLC Offset Sign
Bit[7:4]: Reserved
Bit[3]:
Digital BLC B offset sign
Bit[2]:
Digital BLC R offset sign
Bit[1]:
Digital BLC Gb offset sign
Bit[0]:
Digital BLC Gr offset sign
90
DBLC_B
00
RW
Digital BLC B Channel Offset Value
Bit[7:0]: Digital BLC B channel offset value
91
DBLC_R
00
RW
Digital BLC R Channel Offset Value
Bit[7:0]: Digital BLC R channel offset value
92
DM_LNL
00
RW
Dummy Line low 8 bits
Bit[7:0]: Control insert Dummy line[7:0]
93
DM_LNH
00
RW
Dummy Line high 8 bits
Bit[7:0]: Control insert Dummy line[15:8]
94-9C
RSVD
XX
–
Reserved
9D
LCCFB
00
RW
Lens Correction B Channel Control
9E
LCCFR
00
RW
Lens Correction R Channel Control
9F
DBLC_Gb
00
RW
Digital BLC Gb Channel Offset Value
Bit[7:0]: Digital BLC Gb channel offset value
A0
DBLC_Gr
00
RW
Digital BLC Gr Channel Offset Value
Bit[7:0]: Digital BLC Gr channel offset value
Table 5
Device Control Register List (Continued)
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com