Electronic Components Datasheet Search
  English  ▼

X  

OV9650 Datasheet(PDF) 25 Page - OmniVision Technologies, Inc.

Part # OV9650
Description  OV9650 Color CMOS SXGA (1.3 MegaPixel) CAMERACHIPTM with OmniPixelTM Technology
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9650 Datasheet(HTML) 25 Page - OmniVision Technologies, Inc.

Back Button OV9650 Datasheet HTML 18Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 19Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 20Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 21Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 22Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 23Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 24Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 25Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 26Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Package Specifications
Version 1.7, December 3, 2004
Proprietary to OmniVision Technologies
25
Omni ision
IR Reflow Ramp Rate Requirements
OV9650 Lead-Free Packaged Devices
Figure 18 IR Reflow Ramp Rate Requirements
Environmental Specifications
Note: For OVT devices that are lead-free, all part marking letters are
lower case
Table 7
Reflow Conditions
Condition
Exposure
Average Ramp-up Rate (30°C to 217°C)
Less than 3°C per second
> 100°C
Between 330 - 600 seconds
> 150°C
At least 210 seconds
> 217°C
At least 30 seconds (30 ~ 120 seconds)
Peak Temperature
245°C
Cool-down Rate (Peak to 50°C)
Less than 6°C per second
Time from 30°C to 255°C
No greater than 390 seconds
Table 8
OV9650 Reliability Test Results
Parameter
Test Condition
Temperature/Humidity
85°C/85% Relative Humidity, 1000 hrs.a
a.
Pre-Condition (Moisture Level II): 125°C, 24h
→ 85°C/60% RH/168h → IR Reflow 235°C, 10 sec, 3 cycles
Temperature Cycling (Air-to-Air)
-25°C / +125°C, 72 cycles/day, 1000 cyclesa
Highly Accelerated Stress Test (HAST)
110°C / 85% Relative Humidity, 168 hrs.a
High Temperature Storage (HTS)
150°C, 1000 hrs.a
High Temperature Static Bias (HTSB)
125°C, 1000 hrs.a
-22
-2
18
38
58
78
98
118
138
158
178
198
218
238
258
278
298
318
369
338
358
3.3
2.8
2.2
1.6
1.1
0.6
0.0
3.9
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
220.0
240.0
260.0
280.0
300.0
0.1
-0.1
-0.3
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
Time (sec)
end
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Time (min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com