Electronic Components Datasheet Search
  English  ▼

X  

OV9650 Datasheet(PDF) 13 Page - OmniVision Technologies, Inc.

Part # OV9650
Description  OV9650 Color CMOS SXGA (1.3 MegaPixel) CAMERACHIPTM with OmniPixelTM Technology
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9650 Datasheet(HTML) 13 Page - OmniVision Technologies, Inc.

Back Button OV9650 Datasheet HTML 9Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 10Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 11Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 12Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 13Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 14Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 15Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 16Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 17Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Register Set
Version 1.7, December 3, 2004
Proprietary to OmniVision Technologies
13
Omni ision
09
COM2
01
RW
Common Control 2
Bit[7:5]: Reserved
Bit[4]:
Soft sleep mode
Bit[3:2]: Reserved
Bit[1:0]: Output drive capability
00: 1x
01: 2x
10: 2x
11: 4x
0A
PID
96
R
Product ID Number MSB (Read only)
0B
VER
52
R
Product ID Number LSB (Read only)
0C
COM3
00
RW
Common Control 3
Bit[7]:
Reserved
Bit[6]:
Output data MSB and LSB swap
Bit[5:4]: Reserved
Bit[3]:
Pin selection
1:
Change RESET pin to EXPST_B (frame exposure
mode timing) and change PWDN pin to FREX (frame
exposure enable)
Bit[2]:
VarioPixel for VGA, CIF, QVGA, QCIF, QQVGA, and
QQCIF
Bit[1]:
Reserved
Bit[0]:
Single frame output (used for Frame Exposure mode only)
0D
COM4
00
RW
Common Control 4
Bit[7]:
VarioPixel for QVGA, QCIF, QQVGA, and QQCIF
Bit[6:3]: Reserved
Bit[2]:
Tri-state option for output clock at power-down period
0:
Tri-state at this period
1:
No tri-state at this period
Bit[1]:
Tri-state option for output data at power-down period
0:
Tri-state at this period
1:
No tri-state at this period
Bit[0]:
Reserved
0E
COM5
01
RW
Common Control 5
Bit[7]:
System clock selection. If the system clock is 48 MHz, this
bit should be set to high to get 15 fps for YUV or RGB
Bit[6:5]: Reserved
Bit[4]:
Slam mode enable
0:
Master mode
1:
Slam mode (used for slave mode)
Bit[3:0]: Reserved
Table 5
Device Control Register List (Continued)
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com