Electronic Components Datasheet Search
  English  ▼

X  

OV9650 Datasheet(PDF) 4 Page - OmniVision Technologies, Inc.

Part # OV9650
Description  OV9650 Color CMOS SXGA (1.3 MegaPixel) CAMERACHIPTM with OmniPixelTM Technology
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9650 Datasheet(HTML) 4 Page - OmniVision Technologies, Inc.

  OV9650 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 2Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 3Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 4Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 5Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 6Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 7Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 8Page - OmniVision Technologies, Inc. OV9650 Datasheet HTML 9Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
Proprietary to OmniVision Technologies
Version 1.7, December 3, 2004
OV9650
Color CMOS SXGA (1.3 MegaPixel) OmniPixel™ CAMERACHIP™
Omni ision
Pin Description
NOTE:
D[9:2] for 8-bit YUV or RGB565/RGB555 (D[9] MSB, D[2] LSB)
D[9:0] for 10-bit Raw RGB data (D[9] MSB, D[0] LSB)
Table 1
Pin Description
Pin Location
Name
Pin Type
Function/Description
A1
PWDN
Function
(default = 0)
Power Down Mode Selection - active high, internal pull-down resistor.
0: Normal mode
1: Power down mode
A2
AVDD
Power
Analog power supply (VDD-A = 2.45 to 2.8 VDC)
A3
SIO_D
I/O
SCCB serial interface data I/O
A4
D2
Output
Output bit[2] - LSB for 8-bit YUV or RGB565/RGB555
A5
D4
Output
Output bit[4]
B1
VREF
VREF
Internal voltage reference - connect to ground through 1µF capacitor
B2
NVDD
VREF
Voltage reference
B3
AGND
Power
Analog ground
B4
SIO_C
Input
SCCB serial interface clock input
B5
D3
Output
Output bit[3]
C1
D0
Output
Output bit[0] - LSB for 10-bit Raw RGB data only
C2
DVDD
Power
Power supply (VDD-C = 1.8 VDC + 10%) for digital core logic
C4
NC
—
No connection
C5
D5
Output
Output bit[5]
D1
D1
Output
Output bit[1] - for 10-bit RGB only
D2
VSYNC
Output
Vertical sync output
D4
NC
—
No connection
D5
NC
—
No connection
E1
HREF
Output
HREF output
E2
DOVDD
Power
Digital power supply (VDD-IO = 2.5 to 3.3 VDC) for I/O
E3
RESET
Function
(default = 0)
Clears all registers and resets them to their default values. Active high, internal
pull-down resistor.
E4
D8
Output
Output bit[8]
E5
D6
Output
Output bit[6]
F1
PCLK
Output
Pixel clock output
F2
XVCLK1
Input
System clock input
F3
DOGND
Power
Digital ground
F4
D9
Output
Output bit[9] - MSB for 10-bit Raw RGB data and 8-bit YUV or RGB565/RGB555
F5
D7
Output
Output bit[7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com