Electronic Components Datasheet Search
  English  ▼

X  

EPC8009 Datasheet(PDF) 2 Page - Espros Photonics corp

Part # EPC8009
Description  Enhancement Mode Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC8009 Datasheet(HTML) 2 Page - Espros Photonics corp

  EPC8009 Datasheet HTML 1Page - Espros Photonics corp EPC8009 Datasheet HTML 2Page - Espros Photonics corp EPC8009 Datasheet HTML 3Page - Espros Photonics corp EPC8009 Datasheet HTML 4Page - Espros Photonics corp EPC8009 Datasheet HTML 5Page - Espros Photonics corp EPC8009 Datasheet HTML 6Page - Espros Photonics corp EPC8009 Datasheet HTML 7Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
eGaN® FET DATASHEET
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 2
EPC8009
Figure 1: Typical Output Characteristics at 25°C
V
DS– Drain-to-Source Voltage (V)
7
6
5
4
8
3
2
1
00
0.5
1.5
1
2
2.5
3
VGS
GS
GS
GS
= 5
V = 4
V = 3
V = 2
7
6
5
4
8
3
2
1
0
V
GS– Gate-to-Source Voltage (V)
0.5
1
1.5
2
3
2.5
3.5
4
4.5
5
Figure 2: Transfer Characteristics
25˚C
125˚C
VDS = 3 V
350
300
250
200
400
150
100
50
0
V
GS– Gate-to-Source Voltage (V)
2.0
2.5
3.0
3.5
4.5
4.0
5.0
Figure 3: RDS(on) vs.VGS forVariousDrainCurrents
I
D= 0.5 A
I
D= 1.0 A
I
D= 1.5 A
I
D= 2.0 A
350
300
250
400
200
150
100
50
V
GS– Gate-to-Source Voltage (V)
2
2.5
3
3.5
4.5
4
5
Figure 4: RDS(on) vs.VGS forVariousTemperatures
25˚C
125˚C
I
D
= 1 A
Dynamic Characteristics (TJ= 25˚C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CISS
Input Capacitance
VGS = 0 V, VDS = 32.5 V
45
52
pF
COSS
Output Capacitance
19
28
CRSS
Reverse Transfer Capacitance
0.5
0.8
RG
Gate Resistance
0.3
Ω
QG
Total Gate Charge
VDS = 32.5 V, VGS = 5 V, ID = 1 A
370
450
pC
QGS
Gate-to-Source Charge
120
QGD
Gate-to-Drain Charge
55
94
QG(TH)
Gate Charge at Threshold
96
QOSS
Output Charge
VGS = 0 V, VDS = 32.5 V
940
1400
QRR
Source-Drain Recovery Charge
0
Specifications are with substrate connected to source where applicable.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com