Electronic Components Datasheet Search
  English  ▼

X  

EPC8009 Datasheet(PDF) 4 Page - Espros Photonics corp

Part # EPC8009
Description  Enhancement Mode Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC8009 Datasheet(HTML) 4 Page - Espros Photonics corp

  EPC8009 Datasheet HTML 1Page - Espros Photonics corp EPC8009 Datasheet HTML 2Page - Espros Photonics corp EPC8009 Datasheet HTML 3Page - Espros Photonics corp EPC8009 Datasheet HTML 4Page - Espros Photonics corp EPC8009 Datasheet HTML 5Page - Espros Photonics corp EPC8009 Datasheet HTML 6Page - Espros Photonics corp EPC8009 Datasheet HTML 7Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
eGaN® FET DATASHEET
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 4
EPC8009
0.4
0.3
0.2
0.1
RF Café
2002
6.0
8.0
10
5.0
4.0
20
3 GHz
200 MHz
S11 – Gate Reection
S22 – Drain Reection
EPC8009
3 GHz
200 MHz
Figure 11: Smith Chart
S-Parameter Characteristics
VGSQ = 2.36 V, VDSQ = 30 V, IDQ = 0.50 A
Pulsed Measurement, Heat-Sink Installed, Z0 = 50 Ω
Figure 12: Gain Chart
Figure 13: Device Reflection
Figure 14: Taper and Reference Plane details – Device Connection
Frequency
Gate (ZGS)
Drain (ZDS)
[MHz]
[Ω]
[Ω]
200
1.98 – j8.58
16.83 – j11.29
500
1.87 – j2.15
10.69 – j9.69
1000
1.39 + j2.14
5.22 – j5.45
1200
1.21 + j3.56
3.53 – j3.42
1500
1.01 + j4.96
2.35 – j0.81
2000
0.83 + j7.83
1.57 + j3.52
2400
0.73 + j10.14
1.54 + j6.19
3000
0.58 + j14.27
1.84 + j10.20
S-Parameter Table - Download S-parameter files at www.epc-co.com
ZDS
ZGS
Gate Circuit
Reference Plane
Drain Circuit
Reference Plane
Device Outline
914
149
All dimensions in µm
914
355
0
5
10
15
20
25
30
35
40
45
–0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
100
1000
Amplitude
Gmax
[dB]
Frequency (MHz)
25˚C
125˚C
1.2
1.4
1
0.6
0.8
0.4
0.2
0
1
0
3
2
4
5
6
Figure 10: Gate Current
V
GS– Gate-to-Source Voltage (V)
Micro-Strip design: 2-layer
½ oz (17.5 µm) thick copper
30 mil thick RO4350 substrate
All measurements were done with substrate shortened to source.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com