Electronic Components Datasheet Search
  English  ▼

X  

EPC8009 Datasheet(PDF) 7 Page - Espros Photonics corp

Part # EPC8009
Description  Enhancement Mode Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC8009 Datasheet(HTML) 7 Page - Espros Photonics corp

  EPC8009 Datasheet HTML 1Page - Espros Photonics corp EPC8009 Datasheet HTML 2Page - Espros Photonics corp EPC8009 Datasheet HTML 3Page - Espros Photonics corp EPC8009 Datasheet HTML 4Page - Espros Photonics corp EPC8009 Datasheet HTML 5Page - Espros Photonics corp EPC8009 Datasheet HTML 6Page - Espros Photonics corp EPC8009 Datasheet HTML 7Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
eGaN® FET DATASHEET
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 7
EPC8009
2050
1
2
4
3
6
5
190
600
600
400
440
RECOMMENDED LAND PATTERN (measurements in µm)
Recommended stencil should be 4 mil (100 μm) thick, must be laser cut, openings per drawing. Intended for use with SAC305 Type 3 solder, reference 88.5% metals content.
Additional assembly resources available at: https://epc-co.com/epc/DesignSupport/AssemblyBasics.aspx
DIE OUTLINE
Solder Bar View
Side View
Dim
Micrometers
Min
Nominal
Max
A
2020
2050
2080
B
820
850
880
C
555
580
605
d
400
400
400
e
600
600
600
f
200
225
250
g
175
200
225
h
425
450
475
i
175
200
225
j
400
400
400
Pad no. 1 is Gate
Pad no. 2 is Source Return for Gate Driver
Pad no. 3 and 5 are Source
Pad no. 4 is Drain
Pad no. 6 is Substrate*
*Substrate pin should be connected to Source
RECOMMENDED STENCIL DRAWING (measurements in µm)
2050
325
200
245
230
450
Blue = bump, Gray = stencil
275
1
2
4
3
6
5
A
i
1
2
3
4
5
6
g
x2
e
e
d
f
h
Seating Plane
Efficient Power Conversion Corporation (EPC) reserves the right to make changes without further notice to any products herein to improve reliability,
function or design. EPC does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it
convey any license under its patent rights, nor the rights of others. eGaN® is a registered trademark of Efficient Power Conversion Corporation.
EPC Patent Listing: epc-co.com/epc/AboutEPC/Patents.aspx
The land pattern is solder mask defined.
Solder mask opening is 5 µm smaller per side than bump.
Information subject to
change without notice.
Revised August, 2019
Pad no. 1 is Gate
Pad no. 2 is Source Return for Gate Driver
Pad no. 3 and 5 are Source
Pad no. 4 is Drain
Pad no. 6 is Substrate*
*Substrate pin should be connected to Source



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com