Electronic Components Datasheet Search
  English  ▼

X  

EPC8009 Datasheet(PDF) 3 Page - Espros Photonics corp

Part # EPC8009
Description  Enhancement Mode Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC8009 Datasheet(HTML) 3 Page - Espros Photonics corp

  EPC8009 Datasheet HTML 1Page - Espros Photonics corp EPC8009 Datasheet HTML 2Page - Espros Photonics corp EPC8009 Datasheet HTML 3Page - Espros Photonics corp EPC8009 Datasheet HTML 4Page - Espros Photonics corp EPC8009 Datasheet HTML 5Page - Espros Photonics corp EPC8009 Datasheet HTML 6Page - Espros Photonics corp EPC8009 Datasheet HTML 7Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
eGaN® FET DATASHEET
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 3
EPC8009
40
50
10
20
30
0 0
10
30
40
50
20
60
Figure 5: Capacitance (Linear Scale)
V
DS– Drain-to-Source Voltage (V)
C
OSS = CGD + CSD
C
ISS = CGD + CGS
C
RSS = CGD
102
101
100
10-1 0
10
40
30
20
60
50
Figure 5A: Capacitance (Log Scale)
V
DS– Drain-to-Source Voltage (V)
C
OSS = CGD + CSD
C
ISS = CGD + CGS
C
RSS = CGD
4
5
3
1
2
0 0
100
300
200
400
Figure 6: Gate Charge
Q
G– Gate Charge (pC)
I
D= 1 A
V
DS = 32.5 V
25˚C
125˚C
7
6
5
4
8
3
2
1
0
V
SD– Source-to-Drain Voltage (V)
0.5
0
1
1.5
2
3
2.5
3.5
4
4.5
5
Figure 7: ReverseDrain-SourceCharacteristics
1.6
1.8
1.4
1
1.2
0.8
0
50
25
75
100
125
150
Figure 8: Normalized R
DS(on)
ID = 1 A
VGS = 5 V
T
J– Junction Temperature (°C)
I
D = 0.25 mA
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
T
J– Junction Temperature (°C)
0
25
50
75
125
100
150
Figure 9: NormalizedThresholdVoltagevs.Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com