Electronic Components Datasheet Search
  English  ▼

X  

T540 Datasheet(PDF) 7 Page - Kemet Corporation

Part # T540
Description  COTS Polymer Electrolytic for High Reliability Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T540 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T540 Datasheet HTML 3Page - Kemet Corporation T540 Datasheet HTML 4Page - Kemet Corporation T540 Datasheet HTML 5Page - Kemet Corporation T540 Datasheet HTML 6Page - Kemet Corporation T540 Datasheet HTML 7Page - Kemet Corporation T540 Datasheet HTML 8Page - Kemet Corporation T540 Datasheet HTML 9Page - Kemet Corporation T540 Datasheet HTML 10Page - Kemet Corporation T540 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2077_T540-541 • 8/27/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
7
KEMET Organic Capacitor (KO-CAP®) – High Reliability
T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 – 63 VDC
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert 65 = 4 cycles +25°C, 66 = 10 cycles +25°C, 67 = 10 cycles −55°C and +85°C, Designates surge current option.
(2) To complete DLA part number, insert Blank = None, A = 10 cycles +25°C ±5°C After Voltage Aging, B = 10 cycles −55°C and +85°C ±5°C After Voltage Aging.
(3) To complete KEMET part number for non-DLA, insert A = N/A ,insert B = 0.1%/1,000 hours, C = 0.01%/1,000 hours, D=0.001%/1,000 hours. Designates Reliability Level.
(4) To complete KEMET part number for non-DLA, insert A = N/A, insert B = 0.1%/1,000 hours or C = 0.01%/1,000 hours. Designates Reliability Level.
(5) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(6) To complete KEMET part number insert, H = Solder Plated, T = 100% Tin (Sn). Designates termination finish.
(7) To complete KEMET part number, insert 85 = 4 cycles at 25°C ±5°C ** + improved humidity capability, 86 = 10 cycles at 25°C ±5°C*** + improved humidity capability,
87= 10 cycles at −55°C +0°C/−5°C and +85°C ±5°C*** + improved humidity capability. Designates surge current option on improved humidity capability.
Part Numbers marked in blue font are "Under Development." Engineering samples available upon request.
Rated
Voltage
Rated
Cap
Case
Code/
Case
Size
KEMET
Part Number
DLA Drawing
Number
04051/04052
Improved
Humidity
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple
Current
Maximum
Operating
Temp
VDC
at 105°C
µF
KEMET/EIA
(See below for
part options)
Part Number
(85°C/85%)
Capable
µA at 25°C
Maximum
% at 25°C
120 Hz
Maximum
mΩ at 25°C
100 kHz
Maximum
mA at 45°C
100 kHz
°C
3
470
D/7343-31
T540D477(5)003(3)H(7)05
N/A
•
141
10
40
2372
125
3
470
D/7343-31
T541D477M003AH(1)10
04052-012(2)
141
10
10
5050
125
3
470
D/7343-31
T541D477(5)003(3)(6)(1)10
N/A
141
10
10
5050
125
3
680
D/7343-31
T540D687M003AH(1)10
04051-009(2)
204
10
25
3000
125
3
680
D/7343-31
T540D687(5)003(3)(6)(1)10
N/A
204
10
25
3000
125
3
680
D/7343-31
T540D687(5)003(3)H(7)05
N/A
•
204
10
40
2372
125
3
680
D/7343-31
T541D687M003AH(1)10
04052-013(2)
204
10
10
5050
125
3
680
D/7343-31
T541D687(5)003(3)(6)(1)10
N/A
204
10
10
5050
125
3
1000
X/7343-43
T541X108M003AH(1)10
04052-014(2)
300
10
10
5196
125
3
1000
X/7343-43
T541X108(5)003(3)(6)(1)10
N/A
300
10
10
5196
125
3
1000
X/7343-43
T541X108(5)003(3)(6)(7)05
N/A
•
300
10
12
4743
125
3
1500
X/7343-43
T541X158M003AH(1)10
04052-015(2)
450
10
8
5809
125
3
1500
X/7343-43
T541X158(5)003(3)(6)(1)10
N/A
450
10
8
5809
125
3
1500
X/7343-43
T541X158(5)003(3)(6)(7)05
N/A
•
450
10
12
4743
125
3
2000
O/7360-43
T541O208M003(3)(6)(1)10
N/A
600
10
10
7746
125
4
68
B/3528-21
T540B686M004AH(1)10
04051-011(2)
28
8
80
1260
125
4
68
B/3528-21
T540B686(5)004(3)(6)(1)10
N/A
28
8
80
1260
125
4
68
B/3528-21
T540B686(5)004(3)H(7)10
N/A
•
28
8
80
1260
125
4
100
B/3528-21
T540B107M004AH(1)10
04051-012(2)
40
8
80
1260
125
4
100
B/3528-21
T540B107(5)004(3)(6)(1)10
N/A
40
8
80
1260
125
4
100
B/3528-21
T540B107(5)004(3)H(7)10
N/A
•
40
8
80
1260
125
4
220
D/7343-31
T540D227M004AH(1)10
04051-013(2)
88
10
25
3000
125
4
220
D/7343-31
T540D227(5)004(3)(6)(1)10
N/A
88
10
25
3000
125
4
220
D/7343-31
T540D227(5)004(3)H(7)05
N/A
•
88
10
40
2372
125
4
330
D/7343-31
T540D337M004AH(1)10
04051-014(2)
132
10
25
3000
125
4
330
D/7343-31
T540D337(5)004(3)(6)(1)10
N/A
132
10
25
3000
125
4
330
D/7343-31
T540D337(5)004(3)H(7)05
N/A
•
132
10
40
2372
125
4
330
D/7343-31
T541D337M004AH(1)20
04052-017(2)
132
10
6
6519
125
4
330
D/7343-31
T541D337(5)004(3)(6)(1)20
N/A
132
10
6
6519
125
4
330
D/7343-31
T541D337M004AH(1)10
04052-046(2)
132
10
10
5050
125
4
330
D/7343-31
T541D337(5)004(3)(6)(1)10
N/A
132
10
10
5050
125
4
470
D/7343-31
T540D477M004AH(1)20
04051-015(2)
188
10
25
3000
125
4
470
D/7343-31
T540D477(5)004(3)(6)(1)20
N/A
188
10
25
3000
125
4
470
D/7343-31
T540D477M004AH(1)10
04051-016(2)
188
10
40
2372
125
4
470
D/7343-31
T540D477(5)004(3)(6)(1)10
N/A
188
10
40
2372
125
4
470
D/7343-31
T540D477(5)004(3)H(7)10
N/A
•
188
10
40
2372
125
4
470
D/7343-31
T541D477M004AH(1)10
04052-018(2)
188
10
10
5050
125
4
470
D/7343-31
T541D477(5)004(3)(6)(1)10
N/A
188
10
10
5050
125
4
470
Y/7343-40
T541Y477M004AH(1)30
04052-019(2)
188
10
5
7253
125
4
470
Y/7343-40
T541Y477(5)004(3)(6)(1)30
N/A
188
10
5
7253
125
4
470
Y/7343-40
T541Y477M004AH(1)20
04052-020(2)
188
10
6
6621
125
4
470
Y/7343-40
T541Y477(5)004(3)(6)(1)20
N/A
188
10
6
6621
125
4
470
Y/7343-40
T541Y477M004AH(1)10
04052-047(2)
188
10
10
5128
125
4
470
Y/7343-40
T541Y477(5)004(3)(6)(1)10
N/A
188
10
10
5128
125
4
680
X/7343-43
T541X687M004AH(1)30
04052-021(2)
272
10
5
7348
125
4
680
X/7343-43
T541X687(5)004(3)(6)(1)30
N/A
272
10
5
7348
125
4
680
X/7343-43
T541X687M004AH(1)20
04052-022(2)
272
10
6
6708
125
4
680
X/7343-43
T541X687(5)004(3)(6)(1)20
N/A
272
10
6
6708
125
VDC
at 105°C
µF
KEMET/EIA
(See below for
part options)
Part Number
(85°C/85%)
Capable
µA at 25°C
Maximum
% at 25°C
120 Hz
Maximum
mΩ at 25°C
100 kHz
Maximum
w/ΔT = 20°C
at −55°C to 105°C
°C
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DSCC Drawing
Number 04051
Improved
Humidity
DC Leakage
DF
ESR
Maximum Allowable
Ripple Current (A)
100 kHz
Maximum
Operating
Temp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com