Electronic Components Datasheet Search
  English  ▼

X  

T540 Datasheet(PDF) 12 Page - Kemet Corporation

Part # T540
Description  COTS Polymer Electrolytic for High Reliability Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T540 Datasheet(HTML) 12 Page - Kemet Corporation

Back Button T540 Datasheet HTML 8Page - Kemet Corporation T540 Datasheet HTML 9Page - Kemet Corporation T540 Datasheet HTML 10Page - Kemet Corporation T540 Datasheet HTML 11Page - Kemet Corporation T540 Datasheet HTML 12Page - Kemet Corporation T540 Datasheet HTML 13Page - Kemet Corporation T540 Datasheet HTML 14Page - Kemet Corporation T540 Datasheet HTML 15Page - Kemet Corporation T540 Datasheet HTML 16Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2077_T540-541 • 8/27/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
12
KEMET Organic Capacitor (KO-CAP®) – High Reliability
T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 – 63 VDC
Derating Guidelines
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
−55
25
45
85
105
125
Temperature (°C)
Rated Voltage
Recommended Application Voltage V
R ≤ 10 V
Recommended Application Voltage V
R > 10 V
Recommended Application Voltage
KOCAP’s are solid state capacitors that demonstrate no wearout mechanism when operated within their recommended
guidelines. WhiletheKOCAPcanbeoperatedatfullratedvoltage,mostcircuitdesignersseekaminimumlevelof
assurance in long term reliability which should be demonstrated with data. A voltage derating can provide the desired level
of demonstrated reliability based on industry accepted acceleration models. Since most applications do require long term
reliability, KEMET recommends that designers consider a voltage derating, according the graphic above, for the maximum
steady state voltage.
Voltage
Rating
Maximum
Recommended
Steady State Voltage
Maximum
Recommended
Steady State Voltage
−55°Cto105°C
105°C to 125°C
2V≤V
R≤10V
90% of V
R
60% of V
R ,See Chart
12.5V≤V
R≤63V
80% of V
R
54% of V
R ,See Chart
V
R= Rated Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com