Electronic Components Datasheet Search
  English  ▼

X  

T540 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T540
Description  COTS Polymer Electrolytic for High Reliability Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T540 Datasheet(HTML) 4 Page - Kemet Corporation

  T540 Datasheet HTML 1Page - Kemet Corporation T540 Datasheet HTML 2Page - Kemet Corporation T540 Datasheet HTML 3Page - Kemet Corporation T540 Datasheet HTML 4Page - Kemet Corporation T540 Datasheet HTML 5Page - Kemet Corporation T540 Datasheet HTML 6Page - Kemet Corporation T540 Datasheet HTML 7Page - Kemet Corporation T540 Datasheet HTML 8Page - Kemet Corporation T540 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2077_T540-541 • 8/27/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
4
KEMET Organic Capacitor (KO-CAP®) – High Reliability
T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 – 63 VDC
Qualification
Test
Condition
Characteristics
Endurance
105°C at rated voltage, 2,000 hours
125°C at 2/3 rated voltage, 2,000 hours
ΔC/C
Within−20/+10%ofinitialvalue
DF
≤initiallimit
DCL **
1.25 x IL at 125ºC
ESR
2 x IL (105ºC); 5 x IL (125ºC)
Storage Life
125°C at 0 volts, 2,000 hours
ΔC/C
Within−20/+10%ofinitialvalue
DF
Within initial limits
DCL **
Within 2.0 x initial limit
ESR
Within 5.0 x initial limit
Humidity
60°C, 90% RH, 500 hours, rated voltage
60°C, 90% RH, 500 hours, no load
85°C, 85% RH, 1,000 hours, rated voltage ***
ΔC/C
Within−5%/+35%ofinitialvalue
DF
≤initiallimit
Within 1.5 x initial limit ***
DCL
Within 3.0 x initial limit
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at +25°C,
−55°C,+25°C,+85°C,+125°C,+25°C
+25°C
−55°C
+85°C (1)
+125°C (2)
ΔC/C
±5%
±10%
±20%
±30%
DF
IL
IL
1.2 x IL
1.5 x IL
DCL
IL
N/A
10 x IL
10 x IL
Surge Voltage
105°C,1.32xratedvoltage,33Ωresistance,
1,000 cycles
ΔC/C
Within−20/+5%ofinitialvalue
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/
Vibration
Mil-Std-202, Method 213, Condition I, 100 G peak
Mil-Std-202, Method 204, Condition D, 10 Hz to 2,000
Hz, 20 G peak
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within initial limits
Additional qualifcation
testing per
MIL-PRF-55365/8
Please contact KEMET for more information
*IL = Initial limit
** The test voltage shall be maintained during the cool down from elevated test temperature to +25°C. After cool down, the capacitors shall be
discharged for a minimum of 5 minutes. DC leakage measurements are allowed at this time.
(1) ≥16V - ∆C/C = ±30%
(2) ≥16V - ∆C/C = ±40%
*** For Part Number with surge options 85, 86 and 87
Certification
DLA Drawing 04051 & 04052



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com