Electronic Components Datasheet Search
  English  ▼

X  

T540 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T540
Description  COTS Polymer Electrolytic for High Reliability Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T540 Datasheet(HTML) 2 Page - Kemet Corporation

  T540 Datasheet HTML 1Page - Kemet Corporation T540 Datasheet HTML 2Page - Kemet Corporation T540 Datasheet HTML 3Page - Kemet Corporation T540 Datasheet HTML 4Page - Kemet Corporation T540 Datasheet HTML 5Page - Kemet Corporation T540 Datasheet HTML 6Page - Kemet Corporation T540 Datasheet HTML 7Page - Kemet Corporation T540 Datasheet HTML 8Page - Kemet Corporation T540 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
T2077_T540-541 • 8/27/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
2
KEMET Organic Capacitor (KO-CAP®) – High Reliability
T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 – 63 VDC
Applications
Typicalapplicationsincludedecoupling,filteringandhold-upindefenseandaerospaceapplicationsthatrequirelowESRor
a benign failure mode.
When extreme temperatures and humidity are taken into account, polymer capacitors offer a number of advantages over
other types of capacitors. KEMET continues to investigate the behavior of polymer capacitors in extreme conditions. If
youhavequestionsaboutusingthesecapacitorsinaspecificenvironmentorapplication,wesuggestyoucontactyour
local KEMET representative or Field Application Engineer. You may also refer to “Considerations for Polymer Capacitors in
Extreme Environments” located at www.kemet.com/ExtremePolymerPaper.
Environmental Compliance
RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder. Halogen Free.
K-SIM
Foradetailedanalysisofspecificpartnumbers,pleasevisitksim.kemet.comtoaccessKEMET'sK-SIMsoftware.KEMET
K-SIM is designed to simulate behavior of components with respect to frequency, ambient temperature, and DC bias levels.
Ordering Information
T
541
D
157
M
10
A
H
65
10
Capacitor
Class
Series Case
Size
Capacitance
Code (pF)
Capacitance
Tolerance
Rated
Voltage
(VDC)
Failure Rate/
Design
Termination
Finish
Surge Option
ESR
Packaging
(C-Spec)
T =
Tantalum
540 =
Polymer
COTS
541 =
Polymer
COTS
Multiple
Anode
B,
C,
D,
O,
X,
Y
First two digits
represent
significant
figures.Third
digitspecifies
number of
zeros.
K = ± 10%
M = ±20%
2R5 = 2.5
003 = 3
004 = 4
006 = 6.3
010 = 10
016 = 16
020= 20
025 = 25
035 = 35
050 = 50
063 = 63
A = N/A
B* = 0.1%/KHrs
C* = 0.01%/KHrs
D*= 0.001%/KHrs
H = Standard
solder coated
(SnPb 5%
Pb minimum)
T = 100%
Matte Tin
(Sn) plated
65 = 4 cycles at 25°C
±5°C**
66 = 10 cycles at 25°C
±5°C***
67 = 10 cycles at
-55°C +0°C/-5°C and
+85°C ±5°C***
85 = 4 cycles at
25°C ±5°C ** and
improved humidity
capability
86 = 10 cycles at
25°C ±5°C*** and
improved humidity
capability
87= 10 cycles at
−55°C+0°C/−5°C
and +85°C ±5°C***
and improved
humidity capability
05 = ESR -
High
10 = ESR -
Standard
20 = ESR -
Low
30* = ESR
- Ultra Low
ESR
Blank = 7"
Reel
7280 = 13"
Reel
7610 = Bulk
Bag
7640 = Bulk
plastic box
WAFL =
Waffle
Pack
* Select part numbers,
** Before voltage aging,
*** After voltage aging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com