Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 5 Page - Texas Instruments

  INA381 Datasheet HTML 1Page - Texas Instruments INA381 Datasheet HTML 2Page - Texas Instruments INA381 Datasheet HTML 3Page - Texas Instruments INA381 Datasheet HTML 4Page - Texas Instruments INA381 Datasheet HTML 5Page - Texas Instruments INA381 Datasheet HTML 6Page - Texas Instruments INA381 Datasheet HTML 7Page - Texas Instruments INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
INA381
www.ti.com
SBOS848B – DECEMBER 2017 – REVISED OCTOBER 2019
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
RTI = referred-to-input.
(2)
Swing specifications are tested with an overdriven input condition.
6.5 Electrical Characteristics
at TA = 25°C, VSENSE = VIN+ – VIN– = 10 mV, VS = 5 V, VIN+ = 12 V, and CMPREF = 2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode rejection ratio, RTI(1)
VIN+ = 0 V to 26 V, TA= –40ºC to +125ºC
84
100
dB
VOS
Offset voltage, RTI(1)
VIN+ = 12 V, VIN– = 12 V
±100
±500
μV
VIN+ = 0 V, VIN– = 0 V
±25
±150
dVOS/dT
Offset voltage drift, RTI(1)
TA= –40ºC to +125ºC
0.1
1
μV/°C
PSRR
Power-supply rejection ratio
VS = 2.7 V to 5.5 V, TA= –40ºC to +125ºC
±8
±40
μV/V
IB
Input bias current
VSENSE = 0 mV, IB+, IB–
80
μA
IOS
Input offset current
VSENSE = 0 mV
±0.05
μA
OUTPUT
G
Gain
INA381A1
20
V/V
INA381A2
50
INA381A3
100
INA381A4
200
EG
Gain error
VOUT = 0.5 V to VS – 0.5 V
±0.1%
±1%
Gain error drift
TA= –40ºC to +125ºC
1.5
20
ppm/°C
Nonlinearity error
VOUT= 0.5 V to VS – 0.5 V
±0.01%
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT
Swing to VS power-supply rail
RL = 10 kΩ to GND, TA= –40ºC to +125ºC
VS – 0.02
VS – 0.05
V
Swing to GND(2)
RL = 10 kΩ to GND, TA= –40ºC to +125ºC
VGND +
0.0005
VGND +
0.005
V
FREQUENCY RESPONSE
BW
Bandwidth
INA381A1
350
kHz
INA381A2
210
INA381A3
150
INA381A4
105
SR
Slew rate
2
V/µs
NOISE
Voltage noise density
40
nV/
√Hz
COMPARATOR
tp
Propagation delay time, comparator only
CMPIN Input overdrive = 20 mV
0.4
1
µs
Large-signal propagation
delay, comparator only
CMPIN step = 0.5 V to 4.5, VCMPREF = 4 V
0.4
2
Small-signal total alert propogation delay,
comparator and amplifier
Input overdrive = 1 mV
2
5
Slew rate limited total alert propagation
delay, comparator and amplifier
VOUT = 0.5 V to 4.5, VCMPREF = 4 V
3
10
VOS
Comparator offset voltage
±1
±5
mV
HYS
Hysteresis
50
mV
VIH
High-level input voltage
1.4
6
V
VIL
Low-level input voltage
0
0.4
V
VOL
Alert low-level output voltage
IOL = 3 mA
70
300
mV
ALERT pin leakage input current
VOH = 3.3 V
0.1
1
μA
Digital leakage input current
0
≤ VIN ≤ VS
1
μA
POWER SUPPLY
IQ
Quiescent current
VSENSE = 10 mV, TA = +25ºC
250
350
μA
TA = –40ºC to +125ºC
450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com