Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA381 Datasheet HTML 9Page - Texas Instruments INA381 Datasheet HTML 10Page - Texas Instruments INA381 Datasheet HTML 11Page - Texas Instruments INA381 Datasheet HTML 12Page - Texas Instruments INA381 Datasheet HTML 13Page - Texas Instruments INA381 Datasheet HTML 14Page - Texas Instruments INA381 Datasheet HTML 15Page - Texas Instruments INA381 Datasheet HTML 16Page - Texas Instruments INA381 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
VOUT
RESET
ALERT
IN+
IN±
VS+
GND
CMPIN
CMPREF
10 k:
RPULL-UP
+
±
0 V to 26 V
+
±
G = 20, 50,
100, 200
ADC
GPIO
GPIO
R1
R2
Microcontroller
5 V
2.7 V to 5.5 V
RSENSE
Load
INA381
13
INA381
www.ti.com
SBOS848B – DECEMBER 2017 – REVISED OCTOBER 2019
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA381 is a zero-drift topology, current-sensing amplifier with an integrated comparator that can be used in
both low-side and high-side current-sensing and protection applications. This specially designed, current-sensing
amplifier accurately measures voltages developed across current-sensing resistors (also known as current-shunt
resistors) on common-mode voltages that far exceed the supply voltage powering the device. Current can be
measured on input voltage rails as high as 26 V, and the device can be powered from supply voltages as low as
2.7 V. The device can also withstand the full 26-V common-mode voltage at the input pins when the supply
voltage is removed without causing damage.
The zero-drift topology enables high-precision measurements with maximum input offset voltages as low as
150 µV, and a temperature contribution of only 1 µV/°C over the full temperature range of –40°C to +125°C. The
low total offset voltage of the INA381 enables the use of smaller current-sense resistor values, and allows for
more efficient system operation without sacrificing measurement accuracy due to the smaller input signal.
The device uses a reference input that simplifies setting the corresponding current threshold level to use for out-
of-range comparison. Combining the precision measurement of the current-sense amplifier and the onboard
comparator enables an all-in-one overcurrent detection device. This combination creates a highly-accurate
design that quickly detects out-of-range conditions, and allows the system to take corrective actions to prevent
potential component or system-wide damage.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com