Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 1 Page - Texas Instruments

  INA381 Datasheet HTML 1Page - Texas Instruments INA381 Datasheet HTML 2Page - Texas Instruments INA381 Datasheet HTML 3Page - Texas Instruments INA381 Datasheet HTML 4Page - Texas Instruments INA381 Datasheet HTML 5Page - Texas Instruments INA381 Datasheet HTML 6Page - Texas Instruments INA381 Datasheet HTML 7Page - Texas Instruments INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
VOUT
RESET
ALERT
IN+
IN±
VS+
GND
CMPIN
CMPREF
10 k:
RPULL-UP
+
±
0 V to 26 V
+
-
G = 20, 50,
100, 200
ADC
GPIO
GPIO
R1
R2
Microcontroller
5 V
2.7 V to 5.5 V
RSENSE
Load
INA381
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA381
SBOS848B – DECEMBER 2017 – REVISED OCTOBER 2019
INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
1
1 Features
1
•
Common-mode input range: –0.2 V to +26 V
•
High accuracy amplifier:
–
Offset voltage at TA = 25°C
–
500 µV (maximum) at VCM = 12 V
–
150 µV (maximum) at VCM = 0 V
–
Offset voltage drift: 1 µV/°C (maximum)
–
Gain error: 1% (maximum) at 25°C
–
Gain error drift: 20 ppm/°C (maximum)
•
Available amplifier gains:
–
INA381A1: 20 V/V
–
INA381A2: 50 V/V
–
INA381A3: 100 V/V
–
INA381A4: 200 V/V
•
Open-drain comparator:
–
Hysteresis: 50 mV
–
Propagation delay: 400 ns (typ)
–
Alert threshold set through external reference
voltage
–
Supports transparent and latching modes
•
Packages: VSSOP-10 and WSON-8
2 Applications
•
Merchant network and server PSU
•
Merchant DC/DC
•
DC-input BLDC motor drive
•
Cordless power tool
•
Headsets, headphones and earbuds
3 Description
The INA381 includes both a 26-V common-mode,
current-sensing
amplifier
and
a
high-speed
comparator.
This
device
detects
overcurrent
conditions by measuring the voltage developed
across a current-shunt resistor and comparing that
voltage to a user-defined threshold limit set by the
comparator reference pin. The current-shunt monitor
can measure differential voltage signals on common-
mode voltages that vary from –0.2 V up to 26 V,
independent of the supply voltage.
The open-drain alert output can be configured to
operate in two modes: transparent or latched. In
transparent mode, the output status follows the input
state. In latched mode, the alert output is cleared only
when the latch is reset. The standalone comparator
large-signal alert response time is less than 2 µs,
allowing for quick detection of overcurrent events.
The total system overcurrent protection response
time provided by the INA381 is less than 10 µs.
This device operates from a single 2.7-V to 5.5-V
supply, drawing a maximum supply current of 350 µA.
The device is specified over an operating temperature
range of –40°C to +125°C, and is available in 8-pin
WSON and 10-pin VSSOP packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA381
VSSOP (10)
3.00 mm × 3.00 mm
WSON (8)
2.00 mm × 2.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application


Similar Part No. - INA381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA381 TI1-INA381 Datasheet
1Mb / 27P
26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
INA381 TI1-INA381 Datasheet
1Mb / 30P
26-V, Low-Cost, Zero-Drift, Voltage-Output, Current-Shunt Monitor With Integrated Comparator
INA381 TI1-INA381 Datasheet
1Mb / 37P
INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
INA381 TI2-INA381 Datasheet
2Mb / 44P
INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
REVISED OCTOBER 2019
INA381-Q1 TI1-INA381-Q1 Datasheet
1Mb / 37P
INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
More results

Similar Description - INA381

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6118 LINER-LT6118_15 Datasheet
349Kb / 24P
Current Sense Amplifier, Reference and Comparator with POR
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
logo
Texas Instruments
LMP8480-Q1 TI1-LMP8480-Q1 Datasheet
2Mb / 27P
Automotive, 76-V, High-Side, High-Speed, Current Sense Amplifier
logo
Linear Technology
LT6118 LINER-LT6118 Datasheet
218Kb / 6P
High Side Current Sense Amplifier with Reference and Comparator with POR Capability
logo
Texas Instruments
INA381-Q1 TI1-INA381-Q1 Datasheet
1Mb / 37P
INA381-Q1 AEC-Q100, 26-V, 350-kHz Current Sense Amplifier With Integrated Overcurrent Comparator
INA183 TI-INA183 Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
MAX9643 MAXIM-MAX9643_V01 Datasheet
927Kb / 12P
60V High-Speed Precision Current-Sense Amplifier
2015
logo
STMicroelectronics
TSC200 STMICROELECTRONICS-TSC200 Datasheet
2Mb / 18P
High voltage, current sense amplifier with open drain comparator and ref
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com