Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA381
Description  INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA381 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA381 Datasheet HTML 6Page - Texas Instruments INA381 Datasheet HTML 7Page - Texas Instruments INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments INA381 Datasheet HTML 10Page - Texas Instruments INA381 Datasheet HTML 11Page - Texas Instruments INA381 Datasheet HTML 12Page - Texas Instruments INA381 Datasheet HTML 13Page - Texas Instruments INA381 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Time (250 Ps/div)
0 V
D028
Inverting Input
Output
Time (250 Ps/div)
0 V
D029
Noninverting Input
Output
Time (10 Ps/div)
D026
Time (25 Ps/div)
D027
VCM
VOUT
Frequency (Hz)
10
20
30
40
50
60
70
80
100
10
100
1k
10k
100k
1M
D024
Time (1 s/div)
D025
10
INA381
SBOS848B – DECEMBER 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VIN+ = 12 V, and alert pullup resistor = 10 kΩ (unless otherwise noted)
Figure 25. Input-Referred Voltage Noise vs Frequency
(INA381A3 Devices)
Figure 26. 0.1-Hz to 10-Hz Voltage Noise (Referred-to-Input)
80-mVPP input step
Figure 27. Step Response
Figure 28. Common-Mode Voltage Transient Response
Figure 29. Inverting Differential Input Overload
Figure 30. Noninverting Differential Input Overload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com