Electronic Components Datasheet Search
  English  ▼

X  

LC231X Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # LC231X
Description  Future Technology Devices International Limited
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

LC231X Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  LC231X Datasheet HTML 1Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 2Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 3Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 4Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 5Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 6Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 7Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 8Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or
reproduced in any material or electronic form without the prior written consent of the copyright holder. This product and its
documentation are supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or
implied. Future Technology Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or
failure of this product. Your statutory rights are not affected. This product or any variant of it is not intended for use in any
medical appliance, device or system in which the failure of the product might reasonably be expected to result in personal injury.
This document provides preliminary information that may be subject to change without notice. No freedom to use patents or other
intellectual property rights is implied by the publication of this document. Future Technology Devices International Ltd, Unit 1, 2
Seaward Place, Centurion Business Park, Glasgow G41 1HH United Kingdom. Scotland Registered Company Number: SC136640
Copyright © Future Technology Devices International Limited
1
LC231X Module Datasheet
Version 1.1
Document Reference No.: FT_001388
Clearance No.: FTDI#516
Future Technology
Devices International
Limited
Datasheet
LC231X Development
Module
1 Introduction
The LC231X module is a low cost USB to UART
bridge using FTDI’s FT231X to transfer data at up
to 3M Baud. Ideal for programming Arduino Pro,
ESP modules etc.. It also provides the pinout which
follows the industry standard FTDI TTL cable
interface. The module provides the UART interface
with full modem handshaking control too.
The LC231X IO interface also provides the option
to output 5V power to external hardware. The
interface IO levels may be set to either set to 3V3
or 5V by an on-board jumper with no soldering /
de-soldering required. In 5V mode, outputs are rail
to rail for maximum reliability.
The LC231X module provides 2 interface options.
One is a 1X6 pin right angle socket header which
follows the industry standard FTDI TTL cable
interface for basic UART signals(RXD, TXD, RTS,
CTS, Power and GND). The other is the full UART
plus modem handshake control signals, mapped to
two rows of 1x7 pin headers. Note the user cannot
fit all connectors at the same time.
The two
header rows are spaced 0.5″ apart along the sides
of the board, which allows the module to plug into
a solderless breadboard. Each module is supplied
with one right angle socket and two 7pin headers
included. The user can select which ones to fit.
Furthermore there are TX and RX LEDs to indicate
data transmission on the UART signals.
1.1
Features
The LC231X module utilises the FT231X from
FTDI. For a full list of the FT231X’s features
refer to the FT231X datasheet.
In addition, the LC231X
has the following
features:
Small PCB size as 15.24mm X 28.19mm
Configurable IO voltage interface
USB 2.0 full speed
Provides a full modem control interface
Low supply current :10mA
Supported baud rates: 300 bps to 3 Mbps
Power output to external logic 5V/3V3
Provides two I/O header options:
-
One 1X6 pin right angle socket header
for standard FTDI TTL cable interface,
-
Or two rows of 1x7 pin headers for full
modem handshake control and GPIO
functions.
-40oC to +85oC operational temperature
range
Full RoHS compliance


Similar Part No. - LC231X

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC231 SEOUL-LC231 Datasheet
376Kb / 14P
INFRARED LAMP LED
LC231 SEOUL-LC231 Datasheet
360Kb / 13P
CYAN LAMP LED
LC231 SEOUL-LC231 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC231 SEOUL-LC231 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC231 SEOUL-LC231 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LC231X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
logo
Bridgetek Pte Ltd.
ME812AU-WH50R BRIDGETEK-ME812AU-WH50R Datasheet
1Mb / 18P
Future Technology Devices International
Version 1.0
logo
Future Technology Devic...
ME813AU-WH50C FTDI-ME813AU-WH50C Datasheet
1Mb / 17P
Future Technology Devices International
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com