Electronic Components Datasheet Search
  English  ▼

X  

LC231X Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # LC231X
Description  Future Technology Devices International Limited
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

LC231X Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  LC231X Datasheet HTML 1Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 2Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 3Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 4Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 5Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 6Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 7Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 8Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright © Future Technology Devices International Limited
4
LC231X Module Datasheet
Version 1.1
Document Reference No.: FT_001388
Clearance No.: FTDI#516
4 Pin Out and Signal Description
4.1 Module Description
Figure 1 - Module Features
Feature
Reference
Designator
Micro USB connector
CN10
IO voltage selection
CN14
6pin 2.54mm pitch connector UART interface
CN11
7pin 2.54mm pitch connector full modem control interface
CN12
7pin 2.54mm pitch connector full modem control interface
CN13
FT231X USB to serial bridge IC
U10
Green color LED
RX
Red color LED
TX
Table 1 - Module Features & Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com