Electronic Components Datasheet Search
  English  ▼

X  

LC231X Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # LC231X
Description  Future Technology Devices International Limited
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

LC231X Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button LC231X Datasheet HTML 3Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 4Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 5Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 6Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 7Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 8Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 9Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 10Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Copyright © Future Technology Devices International Limited
7
LC231X Module Datasheet
Version 1.1
Document Reference No.: FT_001388
Clearance No.: FTDI#516
5 Devices Characteristics and Ratings
5.1 Electrical Specification
Parameter
Value
Unit
Conditions
Storage Temperature
-30°C to 80°C
Degrees C
Ambient Operating Temperature (Power
Applied)
-20°C to 70°C
Degrees C
Table 6 - Temperature Parameters
DC Characteristics (Ambient Temperature = -20°C to +70°C)
IO interface: 5V
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
V bus
Output Power Voltage
4.75
5.25
V
I o
Supply current
450
mA
Assuming
connected to
direct to a host
port or a
powered hub,
and enumerated
Voh
Output Voltage High
3.2
4.1
4.9
V
Vol
Output Voltage Low
0.3
0.4
0.6
V
Table 7 - 5V Interface Operating Voltage and Current
DC Characteristics (Ambient Temperature = -20°C to +70°C)
IO interface: 3V3
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
V bus
Output Power Voltage
4.75
5.25
V
I o
Supply current
450
mA
Assuming
connected to
direct to a host
port or a
powered hub,
and enumerated
Voh
Output Voltage High
2.2
2.8
3.2
V
Vol
Output Voltage Low
0.3
0.4
0.6
V
Table 8 - 3V3 Interface Operating Voltage and Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com