Electronic Components Datasheet Search
  English  ▼

X  

LC231X Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # LC231X
Description  Future Technology Devices International Limited
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

LC231X Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button LC231X Datasheet HTML 2Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 3Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 4Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 5Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 6Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 7Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 8Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 9Page - Future Technology Devices International Ltd. LC231X Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Copyright © Future Technology Devices International Limited
6
LC231X Module Datasheet
Version 1.1
Document Reference No.: FT_001388
Clearance No.: FTDI#516
The LC231X can support both 3.3V and 5V interfacing; the power jumper selection is through CN14. The
default jumper setting is in 3.3V interface.
Pin Number
Description
1-2
3.3V IO interface (Default)
2-3
5V IO interface
Table 3 - CN14 Jumper Selection
If user require a simple UART interface (TX,RX,CTS and RTS),user can use CN11 which follow standard
FTDI TTL interface. If user requires UART with full modem control and some extra configurable IO port,
user can consider use CN12 and CN13 which provide UART with full modem control and IO port. The pin
description of CN12 and CN13 is given by Table 4 and Table 5. Note the user could only fit either CN11
or CN12/CN13 connectors at the same time.
Pin
No
Pin Name
Type
Description
1
GND
Power
Ground
2
TXD
Output
Transmit Asynchronous Data Output
3
RXD
Input
Receiving Asynchronous Data Input
4
VBUS
Power
5V Supply at 450mA
5
CBUS0
GPIO
Configurable IO port
6
CBUS3
GPIO
Configurable IO port
7
RST
Input
FT231X Reset
Table 4 - CN12 Pin Description
Pin
No
Pin Name
Type
Description
1
RTS
Output
Request To Send Control Output/Handshake Signal
2
CTS
Input
Clear To Send Control Input/Handshake signal
3
DSR
Input
Data Set Ready Control Input/Handshake Signal
4
DTR
Output
Data Terminal Ready Control Output/Handshake
Signal
5
DCD
Input
Data Carrier Detect Control Input
6
RI
Input
Ring Indicator Input for Remote Wake Up
7
3V3
Power
3V3 Supply at 50mA
Table 5 - CN13 Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com