Electronic Components Datasheet Search
  English  ▼

X  

LMS7002M Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # LMS7002M
Description  FPRF MIMO Transceiver IC With Integrated Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMS7002M Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button LMS7002M Datasheet HTML 9Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 10Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 11Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 12Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 13Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 14Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 15Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 16Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LMS7002M
13
LMS7002M
– FPRF MIMO Transceiver IC
ENABLE_IQ_SEL_n
FCLK_n
DIQ[11:0]_n
...
...
...
...
...
I(k-3)A
Q(k-3)A
I(k-3)B
Q(k-3)B
I(k-2)A
I(k-1)A
I(k)A
Q(k-2)A
Q(k-1)A
Q(k)A
I(k-2)B
I(k-1)B
Q(k-2)B
Q(k-1)B
tSetup
tSetup
tHold
tHold
...
Note: n = 1 for LimeLight Port 1, n = 2 for LimeLight Port 2.
Figure 38: Transmit data path (TRXIQ double data rate (DDR) mode)
ENABLE_IQ_SEL_n
MCLK_n
DIQ[11:0]_n
...
...
...
...
...
I(k-3)A
Q(k-3)A
I(k-2)A
I(k-1)A
I(k)A
Q(k-2)A
Q(k-1)A
tSetup
tHold
...
Note: n = 1 for LimeLight Port 1, n = 2 for LimeLight Port 2.
Figure 39: Receive data path (TRXIQ single data rate (SDR) mode)
ENABLE_IQ_SEL_n
FCLK_n
DIQ[11:0]_n
...
...
...
...
...
I(k-3)A
Q(k-3)A
I(k-2)A
I(k-1)A
I(k)A
Q(k-2)A
Q(k-1)A
tSetup
tHold
...
Note: n = 1 for LimeLight Port 1, n = 2 for LimeLight Port 2.
Figure 40: Transmit data path (TRXIQ single data rate (SDR) mode)
Implementing Low Voltage Digital IQ Interface
Digital IO buffers of LMS7002M are supplied using four pins (pin name
– DIGPRVDD2, pin ID – W33, T32, H32, AH30). All these pins must be
supplied by the same supply DVDD. There is one additional supply pin
(pin name
– DIGPRPOC, pin ID – W31) which performs Power On
Control (POC) function for digital pads. To implement a low voltage
digital interface, DVDD can be lowered to 1.8V. If DVDD=1.8V then all
data lines in Figure 41 must also be set to 1.8V CMOS IOs for correct
interface operation.
1.8V
– 3.3V
DVDD
DIGPRVDD2 (W33)
DIGPRVDD2 (T32)
DIGPRVDD2 (H32)
DIGPRVDD2 (AH30)
DIGPRPOC (W31)
IO Buffers
Supplies
LMS7002M
/
12
DIQ[11:0]_1
ENABLE_IQSEL_1
TXNRX_1
FCLK_1
MCLK_1
/
12
DIQ[11:0]_2
ENABLE_IQSEL_2
TXNRX_2
FCLK_2
MCLK_2
1
st Channel
Interface
2
nd Channel
Interface
Figure 41: Digital IQ interface supplies
IQ Interface Timing Parameters
Parameter
Min.
Typ.
Max.
Unit
Data Setup Time (tSETUP)
1
ns
Data Hold Time (tHOLD )
0.2
ns
Data Output Delay (tOD) at 15 pF load
6
ns
Table 6: Digital IQ interface timing parameters with 2.5V IO supply
Digital IQ Interface IO Buffers Specifications
Parameter
Min.
Typ.
Max.
Unit
Condition
Supply Voltage (PVDD)
1.7
2.5
3.6
V
Can go below 2.5V nominal to support LV CMOS signalling
Input High VIH
PVDD-0.8
V
Input Low VIL
0.8
V
Output High VOH
PVDD-0.4
V
Output Low VOL
0.4
V
Input Pad Capacitance CIN
3.5
pF
Output Drive Current
8
12
mA
Programmable
Table 7: Digital IO buffers specifications at 2.5V supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com