Electronic Components Datasheet Search
  English  ▼

X  

LMS7002M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LMS7002M
Description  FPRF MIMO Transceiver IC With Integrated Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMS7002M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LMS7002M Datasheet HTML 1Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 2Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 3Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 4Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 5Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 6Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 7Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 8Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
LMS7002M
LMS7002M
– FPRF MIMO Transceiver IC
GENERAL DESCRIPTION
LMS7002M is a fully integrated, multi-band, multi-standard RF
transceiver that is highly programmable. It combines Low Noise
Amplifiers
(RXLNA),
TX
Power
Amplifier
Drivers
(TXPAD)
receiver/transmitter (RX/TX) mixers, RX/TX filters, synthesizers, RX
gain control, TX power control, the analog-to-digital and digital-to-
analog convertors (ADC/DACs) and has been designed to require very
few external components.
The top level architecture of LMS7002M transceiver is shown in Figure
1. The chip contains two transmit and two receive chains for achieving a
Multiple In Multiple Out (MIMO) platform. Both transmitters share one
PLL and both receivers share another. Transmit and receive chains are
all implemented as zero Intermediate Frequency (zero IF or ZIF)
architectures providing up to 160MHz RF modulation bandwidths
(equivalent to 80MHz baseband IQ bandwidth). For the purpose of
simplifying this document, the explanation for the functionality and
performance of the chip is based on one transmit and one receive
circuitry, given that the other two work in exact the same manner.
On the transmit side, In-phase and Quadrature IQ DAC data samples,
from the base band processor, are provided to the LMS7002M via the
LimeLight
™ digital IQ interface. LimeLight™ implements the JESD207
standard IQ interface protocol as well as de facto IQ multiplexed
standard. JESD207 is Double Data Rate (DDR) by definition. In IQ
multiplexed mode LimeLight
™ also supports Single Data Rate (SDR).
The IQ samples are then pre-processed by the digital Transceiver
Signal Processor (TSP) for minimum analog / RF distortion and applied
to the on chip transmit DACs. The DACs generate analog IQ signals
which are provided for further processing to the analog/RF section.
Transmit low pass filters (TXLPF) remove the images generated by
zero hold effect of the DACs, as well as the DAC out-of-band noise. The
analog IQ signals are then mixed with the transmit PLL (TXPLL) output
to produce a modulated RF signal. This RF signal is then amplified by
one of two separate / selectable power amplifier drivers and two open-
drain differential outputs are provided as RF output for each MIMO
path.
The LMS7002M provides an RF loop back option which enables the TX
RF signal to be fed back into the baseband for calibration and test
purposes. The RF loop back signal is amplified by the loopback
amplifier in order to increase the dynamic range of the loop.
There are two additional loop back options implemented, one is an
analog base band (BB) loop back and another is a digital loop back
(DLB) as shown in Figure 1. The analog loop back is intended for
testing while the DLB can be used to verify the LMS7002M connectivity
to base band, FPGA, DSP or any other digital circuitry.
On the receive side, three separate inputs are provided each with a
dedicated LNA optimised for narrow or wide band operation. Each port
RF signal is first amplified by a programmable low noise amplifier
(RXLNA). The RF signal is then mixed with the receive PLL (RXPLL)
output to directly down convert to baseband. AGC steps can be
implemented by a BB trans-impedance amplifier (RXTIA) prior to the
programmable bandwidth low pass channel select / anti alias filters
(RXLPF). The received IQ signal is further amplified by a programmable
gain amplifier RXPGA. DC offset is applied at the input of RXTIA to
prevent saturation and to preserve the receive ADC’s dynamic range.
The resulting analog receive IQ signals are converted into the digital
domain with on-chip receive ADCs. Following the ADCs, the signal
conditioning is performed by the digital Transceiver Signal Processor
(TSP) and the resulting signals are then provided to the BB via the
LimeLight
™ digital IQ interface.
The analog receive signals can also be provided off chip at RXOUTI
and RXOUTQ pins by closing the RXOUT switch. In this case it is
possible to power down the on chip ADCs/TSP and use external parts
which can be very useful for more resource demanding applications or
where higher signal resolution is required. A similar option is also
available on the TX side where the analog signal can be processed by
external components. The on chip DACs/TSP can be powered down
and analog inputs can be provided at TXINI and TXINQ pins.
There is on chip integrated temperature sensor which base band
modem can read via the SPI and trigger re-calibration of the chip if
significant chip/ambient temperature change is observed.
Parameter
Min.
Typ.
Max.
Unit
Condition/Comment
Operating Temperature Range
-40
25
85
°C
Storage Temperature Range
-65
25
125
°C
Operating Frequency Range
30
0.1
3800
3800
MHz
Extended by TSP NCOs
RF Modulation Bandwidth
48
96
160
MHz
Through digital interface (MIMO)
Through digital interface (SISO)
Through analog interface
Frequency Resolution
24.8
Hz
Using 52 MHz PLL reference clock
Analog Supply Voltage, High (VDDAH)
1.71
1.8
1.89
V
Used for TXPAD
Analog Supply Voltage, Medium
(VDDAM)
1.33
1.4
1.47
V
Generated using integrated low-dropout regulators
(LDOs)
Analog Supply Voltage, Low (VDDAL)
1.2
1.25
1.3
V
Generated using integrated LDOs
Digital Core Supply Voltage
1.1
1.2
1.3
V
Generated using integrated LDOs
Digital Peripheral (IO) Supply Voltage
1.7
2.5
3.6
V
TX Supply Current
350
mA
At -7 dBm output power, 2x2 MIMO, including the DACs
and TSP
RX Supply Current
420
mA
For 2x2 MIMO, including the ADCs and TSP
Maximum RF Output Power
0
dBm
Continuous Wave
PLL Reference Clock
10
52
MHz
Reference and Other Spurs Level
-100
dBm
Measured at TX RF output or RX RF input
IQ Imbalance Image
-70
dBc
After calibration
Interpolation/Decimation digital filters
stop band suppression
108
dB
Table 1: General specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com