Electronic Components Datasheet Search
  English  ▼

X  

LMS7002M Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # LMS7002M
Description  FPRF MIMO Transceiver IC With Integrated Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMS7002M Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LMS7002M Datasheet HTML 17Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 18Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 19Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 20Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 21Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 22Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 23Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 24Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
LMS7002M
21
LMS7002M
– FPRF MIMO Transceiver IC
Pin No
Pin ID
Pin Name
Type
Description
Notes
1
C1
UNUSED
-
-
2
D2
UNUSED
-
-
3
E3
UNUSED
-
-
4
F4
UNUSED
-
-
5
G5
VDD12_TXBUF
analog supply
1.25V supply
– TX XOSC buffer
6
H6
VDD18_TXBUF
analog supply
1.8V supply
– TX XOSC buffer
7
F2
UNUSED
-
-
8
G3
VDD18_VCO_SXT
analog supply
1.8V supply
– TX SX VCO
9
J5
VDD12O_VCO_SXT
analog supply
1.25V supply
– TX SX VCO
10
K6
VDD12_VCO_SXT
analog supply
1.25V supply
– TX SX VCO
11
G1
UNUSED
-
-
12
H2
GND_VCO_SXT
analog gnd
GND
– TX SX VCO
13
J3
VDD_CP_SXT
analog supply
1.25V supply
– TX SX Charge pump
14
K4
GND_CP_SXT
analog gnd
GND
– TX SX Charge pump
15
L5
VDD_DIV_SXT
analog supply
1.25V supply
– TX SX frequency divider
16
J1
UNUSED
-
-
17
K2
VDDO_DIV_SXT
analog supply
1.25V supply
– TX SX frequency divider
18
M6
UNUSED
-
-
19
L3
GND_DIV_SXT
analog gnd
GND
– TX SX frequency divider
20
M4
DVDD_SXT
digital supply
1.25V supply
– digital supply for TX SX
21
M2
UNUSED
-
-
22
N3
DGND_SXT
digital gnd
GND
– digital supply for TX SX
23
N1
VDD18_LDO_TX
analog supply
1.8V supply
– TX LDO
24
P4
VDD_TBB
analog supply
1.25V supply
– TX baseband
25
P2
tbbqn_pad_1
in
TX change input pad to externally drive the TX BB Channel 1
26
R5
tbbin_pad_1
in
TX change input pad to externally drive the TX BB Channel 1
27
R3
tbbqp_pad_1
in
TX change input pad to externally drive the TX BB Channel 1
28
T6
tbbin_pad_2
in
TX change input pad to externally drive the TX BB Channel 2
29
T4
tbbip_pad_1
in
TX change input pad to externally drive the TX BB Channel 1
30
U5
adcin_in_1
in
ADC input pads
– To use external filtering Channel 1
31
U3
tbbqp_pad_2
in
TX change input pad to externally drive the TX BB Channel 2
32
U1
tbbqn_pad_2
in
TX change input pad to externally drive the TX BB Channel 2
33
V2
tbbip_pad_2
in
TX change input pad to externally drive the TX BB Channel 2
34
V4
adcin_ip_1
in
ADC input pads
– To use external filtering Channel 1
35
V6
adcin_in_2
in
ADC input pads
– To use external filtering Channel 2
36
W3
adcin_qn_1
in
ADC 21nput pads
– To use external filtering Channel 1
37
Y2
adcin_qp_1
in
ADC input pads
– To use external filtering Channel 1
38
Y4
adcin_qn_2
in
ADC input pads
– To use external filtering Channel 2
39
AA1
adcin_ip_2
in
ADC input pads
– To use external filtering Channel 2
40
Y6
rbbip_pad_1
out
RX BB output
– To use external filtering Channel 1
41
AA3
adcin_qp_2
in
ADC input pads
– To use external filtering Channel 2
42
AA5
rbbqn_pad_1
out
RX BB output
– To use external filtering Channel 1
43
AB2
rbbin_pad_1
out
RX BB output
– To use external filtering Channel 1
44
AB4
rbbqp_pad_1
out
RX BB output
– To use external filtering Channel 1
45
AC3
rbbin_pad_2
out
RX BB output
– To use external filtering Channel 2
46
AB6
rbbqn_pad_2
out
RX BB output
– To use external filtering Channel 2
47
AD2
rbbip_pad_2
out
RX BB output
– To use external filtering Channel 2
48
AC5
rbbqp_pad_2
out
RX BB output
– To use external filtering Channel 2
49
AE1
UNUSED
-
-
50
AD4
VDD14_RBB
analog supply
1.4V supply- RX baseband
51
AE3
VDD18_TIA_RFE
analog supply
1.8V supply- RXFE TIA
52
AF2
VDD14_TIA_RFE
analog supply
1.4V supply- RXFE TIA
53
AD6
VDD12_TIA_RFE
analog supply
1.25V supply- RXFE TIA
54
AE5
UNUSED
-
-
55
AF4
VDD18_LDO_RX
analog supply
1.8V supply- RX LDO
56
AG3
UNUSED
-
-
57
AH2
UNUSED
-
-
58
AJ1
UNUSED
-
-
59
AF6
VDD14_LNA_RFE
analog supply
1.4V supply- RXFE LNA
60
AG5
VDD12_LNA_RFE
analog supply
1.25V supply- RXFE LNA
61
AH4
UNUSED
-
-
62
AJ3
UNUSED
-
-
63
AK2
UNUSED
-
-
64
AJ5
UNUSED
-
-
65
AK4
UNUSED
-
-
66
AL3
UNUSED
-
-
67
AM2
UNUSED
-
-
68
AN3
rfgp_w_RFE_2
in
LNA input gate Wideband LNA
– Gate : Channel 2
69
AM4
rfgn_w_RFE_2
in
LNA input gate Wideband LNA
– Gate : Channel 2
Table 12 Pin descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com