Electronic Components Datasheet Search
  English  ▼

X  

LMS7002M Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # LMS7002M
Description  FPRF MIMO Transceiver IC With Integrated Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMS7002M Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button LMS7002M Datasheet HTML 13Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 14Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 15Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 16Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 17Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 18Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 19Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 20Page - List of Unclassifed Manufacturers LMS7002M Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
LMS7002M
17
LMS7002M
– FPRF MIMO Transceiver IC
TXFCLK
RXMCLK
DACs
ADCs
RX TSP
TX TSP
DAC
Clock
ADC
Clock
RXD[11:0]
TXD[11:0]
DACs/ADCs Block
/M
/4
CLKMUX
FFDIV
Clock PLL
Fractional-N
REFCLK
CLKGEN Block
/N
Figure 47: Clock generation and distribution
CALIBRATION AND INITIALIZATION
There are a number of calibrations which the LMS7002M can carry out
internally when instructed via the SPI. These calibrations can be
initiated on power up/reset to produce optimum settings. Initialization
and calibration steps are summarized below.
Initialization
•
Power up the chip. In case of using multiple off chip LDOs,
power up sequence is not important.
•
Apply RESET pulse (active low). This sets all the
configuration registers to their default values.
•
Overwrite some registers defaults if required.
Available calibration options and recommended order of execution
•
On-chip resistor and capacitor calibration
•
TX, RX and clock synthesizer VCO tuning
•
TX and RX analog LPF pass band tuning
•
RX DC offset and RX LO leakage cancellation
•
TX DC offset and TX LO leakage cancellation
•
TX IQ imbalance calibration
•
RX IQ imbalance calibration
This section shows three key calibration algorithms. Others are either
similar or very simple.
Please see the “LMS7002M Programming and
Calibration Guide” and other relevant application notes for more details.
VCO Tuning
In order to lock RF or clock synthesiser while having phase noise close
to optimum, VCO capacitance has to be selected carefully. A flexible
algorithm, based on monitoring on chip Vtune comparators state, is
described below.
Assuming the synthesiser is configured for target LO/clock frequency
(correct VCO powered up, integer and fractional part of the divider set,
…), Figure 48 shows typical measured Vtune variation with the
VCOCAP codes for the two target LO frequencies, 1.95GHz and
2.14GHz. Obviously, Vtune is changing from 1.17V down to 0.05V.
However, PLL lock is guaranteed only when Vtune is in the range
between Vth Low and Vth High. Vth High is fixed to 0.92V while Vth
Low can be programmed to be 0.18V or 0.1V. For the best phase noise
performance, Vtune should be kept around the middle of the Vth Low
and Vth High range.
There are two on chip Vtune comparators per synthesiser: CMPH and
CMPL. Their threshold voltages are set to Vth High=0.92V and Vth
Low=0.18V or 0.1V. The state of the comparators can be obtained by
powering them up and reading the corresponding SPI register. True
table is given below.
CMPH
CMPL
Status
1
0
OK, Vtune in range
0
0
Vtune is high (> 0.92V), PLL lock not guaranteed.
1
1
Vtune is low (< 0.18V or <0.1V), PLL lock not guaranteed.
0
1
Not possible.
These can be used to choose VCOCAP code. All we need to find is the
code CMIN when comp
arators change the state from “00” to “10” and
the code CMAX when the comparators change the state from “10” to
“11”. Optimum VCOCAP code is then the middle one between CMIN
and CMAX. For LO=2.4GHz, this is illustrated in Figure 48. Once the
synthesiser is set, Vtune comparators can also be used as lock (in
range) indication.
Figure 48: VCO capacitance selection
Analog Filters Pass Band Tuning
As shown in Figure 6 and Figure 7, LMS7002M has six analog low pass
filtering stages. Pass band of each stage can independently be
programmed and/or tuned. Tuning is very useful as it takes into account
process, temperature, sample-to-sample and voltage supply variations.
The algorithm uses on chip options as follows:
•
TXNCO generates digital test tones (CW).
•
Digital test tones are converted into analog by the DACs.
•
INVERSE sinc filter must be enabled to flatten DACs
amplitude response.
•
LMS7002M is set into either base-band or RF TX-to-RX loop
back mode.
•
Only LPF being tuned should be enabled. Other TX and RX
filters should be bypassed or widely open.
•
Loop back signal is converted back into digital domain by the
ADCs.
•
Digital RX RSSI block measures the amplitude of the loop
back signal.
In this set up TXNCO test tone drives the filter input while filter output is
measured by RSSI block which enables filter amplitude response to be
determined.
All filtering stages are implemented as active RC blocks hence their
pass band is controllable by changing resistors and/or capacitors. Only
two parameters per stage are available to change via SPI: one for filter
resistors control and another one for capacitors control. If resistors
control parameter is changed then all resistors within the filter are
scaled equally. If capacitors control code is changed then all capacitors
within the filter are scaled equally. Therefore, component ratio is kept
constant
which
preserves
designed
filter
amplitude
response
(Chebyshev for example) disregarding the control codes.
There are two types of filter stages: trans-impedance (TXLPFLAD,
TXLPFH, RXTIA) and voltage gain (TXLPFS5, RXLPFL, RXLPFH).
Tuning is essentially the same for all stages with minor differences
between trans-impedance and voltage gain types. The algorithm is two
steps process described below and illustrated in Figure 49.
Step 1: Check point
TXNCO generates very low frequency (close to DC) test tone (200kHz
in Figure 49 example) which is by design guaranteed to be within filter
pass band for all possible RC values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com