Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  TMDP0200 Datasheet HTML 1Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 2Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 3Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 4Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 5Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 6Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 7Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 8Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
MSO/DPO2000B
MDO3000
MDO4000C
MSO/DPO5000B
High-level description
Advanced Debug Features at an
Affordable Price
6-in-1 integrated oscilloscope
Performance 6-in-1 integrated
oscilloscope with synchronized
insights into analog, digital and
spectral signals
Exceptional Signal Fidelity with
Advanced Analysis and Math
Commonly used for
Design and Debug
Education
Design and Debug
EMI Troubleshooting
Education
Design and Debug
EMI Troubleshooting
General Purpose RF Design
and Integration
Advanced Design and Debug
USB Ethernet Compliance
Research
Analog Bandwidth
70 MHz, 100 MHz, 200 MHz
100 MHz, 200 MHz, 350 MHz,
500 MHz,
1 GHz
200 MHz, 350 MHz, 500 MHz,
1 GHz
350 MHz, 500 MHz, 1 GHz,
2 GHz
Maximum Analog Sample Rate 1 GS/s
5 GS/s
5 GS/s
10 GS/s
Analog Channels
2, 4
2, 4
4
4
Record Length
1 M
10 M
20 M
25 M (Optional) Up to 125 M
Digital Channels
(Optional) 16
(Optional) 16
(Optional) 16
(Optional) 16
Spectrum Analyzer Channel
N/A
(Standard) 9 kHz - Analog BW
(Optional) 9 kHz - 3 GHz
(Optional) 9 kHz - 3 GHz
(Optional) 9 kHz - 6 GHz
N/A
AFG
N/A
(Optional) Up to 50 MHz with
13 functions and arbitrary
waveform generation
(Optional) Up to 50 MHz with
13 functions and arbitrary
waveform generationA
N/A
Serial Bus Analysis
Trigger & Decode: I 2 C, SPI,
RS-232/422/485/UART, CAN,
LIN
Trigger & Decode: I 2 C, SPI,
RS-232/422/485/UART, CAN,
CAN FD,LIN, FlexRay, USB2.0,
MIL-STD-1553, ARINC-429,
Audio
Trigger & Decode: I 2 C, SPI,
RS-232/422/485/UART, CAN,
CAN FD, LIN, FlexRay, USB2.0,
Ethernet, MIL-STD-1553,
ARINC-429, Audio
Trigger & Decode: I 2 C, SPI,
RS-232/422/485/UART, CAN,
LIN, FlexRay, USB2.0, Ethernet,
MIL-STD-1553
Decode Only: USB-HSIC, MIPI
D-PHY
Compliance: BroadR-Reach,
USB2.0, USB-PWR, Ethernet,
MOST
Advanced Analysis
Power, Limit/Mask, Video
Power, Limit/Mask, Video,
Spectrogram, Vector signal
analysis
Power, Limit/Mask, Video, Vector
signal analysis, Jitter
Standard Probing
100 MHz, 12 pF
or
200 MHz, 12 pF
250 MHz, 3.9 pF
500 MHz, 3.9 pF
or
1 GHz, 3.9 pF
500 MHz, 3.9 pF
or
1 GHz, 3.9 pF
500 MHz, 3.9 pF
or
1 GHz, 3.9 pF
Datasheet
2 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com