Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 30 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 30 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 26Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 27Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 28Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 29Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 30Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 31Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 32Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 33Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 34Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Duty cycle
10% to 90% or 10 ns minimum pulse, whichever is larger cycle
Duty cycle resolution
0.1%
Pulse width minimum (typical) 10 ns
Rise/fall time (typical)
5 ns (10% - 90%)
Pulse width resolution
100 ps
Overshoot (typical)
< 2% for signal steps greater than 100 mV
Asymmetry
±1% ±5 ns, at 50% duty cycle
Jitter (TIE RMS) (typical)
< 500 ps
Ramp / Triangle
Frequency range
0.1 Hz to 500 kHz
Amplitude range
20 mVp-p to 5 Vp-p into Hi-Z; 10 mVp-p to 2.5 Vp-p into 50 Ω
Variable symmetry
0% to 100%
Symmetry resolution
0.1%
DC
Level range (typical)
±2.5 V into Hi-Z; ±1.25 V into 50 Ω
Noise
Amplitude range
20 mVp-p to 5 Vp-p in to Hi-Z; 10 mVp-p to 2.5 Vp-p into 50 Ω
Amplitude resolution
0% to 100% in 1% increments
Sin(x)/x (Sinc)
Frequency range (typical)
0.1 Hz to 2 MHz
Amplitude range
20 mVp-p to 3.0 Vp-p into Hi-Z; 10 mVp-p to 1.5 Vp-p into 50 Ω
Gaussian
Frequency range (typical)
0.1 Hz to 5 MHz
Amplitude range
20 mVp-p to 2.5 Vp-p into Hi-Z; 10 mVp-p to 1.25 Vp-p into 50 Ω
Lorentz
Frequency range (typical)
0.1 Hz to 5 MHz
Amplitude range
20 mVp-p to 2.4 Vp-p into Hi-Z; 10 mVp-p to 1.2 Vp-p into 50 Ω
Exponential Rise / Decay
Frequency range (typical)
0.1 Hz to 5 MHz
Amplitude range
20 mVp-p to 2.5 Vp-p into Hi-Z; 10 mVp-p to 1.25 Vp-p into 50 Ω
Haversine
Frequency range (typical)
0.1 Hz to 5 MHz
Amplitude range
20 mVp-p to 2.5 Vp-p into Hi-Z; 10 mVp-p to 1.25 Vp-p into 50 Ω
Cardiac (typical)
Frequency range
0.1 Hz to 500 kHz
Amplitude range
20 mVp-p to 5 Vp-p into Hi-Z; 10 mVp-p to 2.5 Vp-p into 50 Ω
Arbitrary
Memory depth
1 to 128 k
Amplitude range
20 mVp-p to 5 Vp-p into Hi-Z; 10 mVp-p to 2.5 Vp-p into 50 Ω
Datasheet
3- Arbitrary Function Generator (requires Option MDO4AFG)
30 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com