Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 22 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 22 Page - TEKTRONIX, INC.

Back Button TMDP0200 Datasheet HTML 18Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 19Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 20Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 21Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 22Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 23Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 24Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 25Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 26Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Channel-to-channel deskew range ±125 ns
Time base accuracy
±5 ppm over any ≥1 ms interval
Trigger system
Trigger modes
Auto, Normal, and Single
Trigger coupling
DC, AC, HF reject (attenuates >50 kHz), LF reject (attenuates <50 kHz), noise reject (reduces sensitivity)
Trigger holdoff range
20 ns to 8 s
Trigger sensitivity
Internal DC coupled
1 mV/div to 4.98 mV/div
1.8 div
5 mV/div to 9.98 mV/div
0.6 div
10 mV/div to 19.98 mV/div
1.2 div
≤20 mV/div
0.5 div
Trigger level ranges
Any input channel
±8 divisions from center of screen, ±8 divisions from 0 V when vertical LF reject trigger coupling is selected
Line
The line trigger level is fixed at about 50% of the line voltage.
Trigger frequency readout
Provides 6-digit frequency readout of triggerable events.
Trigger types
Edge
Positive, negative, or either slope on any channel. Coupling includes DC, AC, HF reject, LF reject, and noise reject.
Sequence (B-trigger)
Trigger Delay by Time: 8 ns to 8 s. Or Trigger Delay by Events: 1 to 4,000,000 events. Not available when “Either” edge is
selected.
Pulse Width
Trigger on width of positive or negative pulses that are >, <, =, ≠, or inside/outside a specified period of time.
Timeout
Trigger on an event which remains high, low, or either, for a specified time period (4 ns to 8 s).
Runt
Trigger on a pulse that crosses one threshold but fails to cross a second threshold before crossing the first again.
Logic
Trigger when any logical pattern of channels goes false or stays true for specified period of time. Any input can be used as a clock
to look for the pattern on a clock edge. Pattern (AND, OR, NAND, NOR) specified for all input channels defined as High, Low, or
Don’t Care.
Setup and Hold
Trigger on violations of both setup time and hold time between clock and data present on any of the analog and digital input
channels.
Setup and hold trigger type
Description
Setup Time Range
-0.5 ns to 1.024 ms
Hold Time Range
1.0 ns to 1.024 ms
Setup + Hold Time Range
0.5 ns to 2.048 ms
Rise/Fall Time
Trigger on pulse edge rates that are faster or slower than specified. Slope may be positive, negative, or either and time range is
4.0 ns to 8 s.
Video
Trigger on all lines, odd, even, or all fields on NTSC, PAL, and SECAM video signals.
Custom bi-level and tri-level sync video standards.
Datasheet
Horizontal system analog channels
22 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com