Electronic Components Datasheet Search
  English  ▼

X  

TMDP0200 Datasheet(PDF) 1 Page - TEKTRONIX, INC.

Part # TMDP0200
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TMDP0200 Datasheet(HTML) 1 Page - TEKTRONIX, INC.

  TMDP0200 Datasheet HTML 1Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 2Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 3Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 4Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 5Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 6Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 7Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 8Page - TEKTRONIX, INC. TMDP0200 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Mixed Domain Oscilloscopes
MDO4000C Series Datasheet
Customizable and fully upgradeable 6-in-1 integrated oscilloscope
with synchronized insights into analog, digital, and RF signals
Introducing the world's highest performance 6-in-1 integrated oscilloscope
that includes a spectrum analyzer, arbitrary/function generator, logic
analyzer, protocol analyzer and DVM / frequency counter. The MDO4000C
Series has the performance you need to solve the toughest embedded
design challenges quickly and efficiently. When configured with an
integrated spectrum analyzer, it is the only instrument that provides
simultaneous and synchronized acquisition of analog, digital and spectrum,
ideal for incorporating wireless communications (IoT) and EMI
troubleshooting. The MDO4000C is completely customizable and fully
upgradeable so you can add the instruments you need now – or later.
Key performance specifications
1. Oscilloscope
4 analog channels
1 GHz, 500 MHz, 350 MHz, and 200 MHz bandwidth models
Bandwidth is upgradeable (up to 1 GHz)
Up to 5 GS/s sample rate
20 M record length on all channels
> 340,000 wfm/s maximum waveform capture rate
Standard passive voltage probes with 3.9 pF capacitive loading
and 1 GHz or 500 MHz analog bandwidth
2. Spectrum Analyzer (Optional)
Frequency range of 9 kHz - 3 GHz or 9 KHz - 6 GHz
Ultra-wide capture bandwidth ≥1 GHz
Time-synchronized capture of spectrum analyzer with analog and
digital acquisitions
Frequency vs. time, amplitude vs. time, and phase vs. time
waveforms
3. Arbitrary/Function Generator (Optional)
13 predefined waveform types
50 MHz waveform generation
128 k arbitrary generator record length
250 MS/s arbitrary generator sample rate
4. Logic Analyzer (Optional)
16 digital channels
20 M record length on all channels
60.6 ps timing resolution
5. Protocol Analyzer (Optional)
Serial bus support for I2C, SPI, RS-232/422/485/UART, USB 2.0,
Ethernet, CAN, CAN FD, LIN, FlexRay, MIL-STD-1553,
ARINC-429, and Audio standards
6. Digital Voltmeter / Frequency Counter (Free with product
registration)
4-digit AC RMS, DC, and AC+DC RMS voltage measurements
5-digit frequency measurements
www.tek.com 1


Similar Part No. - TMDP0200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
High-voltage Differential Probes
logo
TEKTRONIX, INC.
TMDP0200 TEKTRONIX-TMDP0200 Datasheet
2Mb / 36P
Mixed Domain Oscilloscopes
TMDP0200 TEKTRONIX-TMDP0200 Datasheet
3Mb / 28P
Digital Phosphor Oscilloscopes
TMDP0200 TEKTRONIX-TMDP0200 Datasheet
961Kb / 18P
Mixed Signal Oscilloscopes
TMDP0200 TEKTRONIX-TMDP0200 Datasheet
2Mb / 40P
Mixed Domain Oscilloscopes
More results

Similar Description - TMDP0200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPO3EMBD ETC2-DPO3EMBD Datasheet
1Mb / 22P
Mixed Signal Oscilloscopes
MDO4000B ETC2-MDO4000B Datasheet
2Mb / 28P
Mixed Domain Oscilloscopes
MSO2000B ETC2-MSO2000B Datasheet
1Mb / 18P
Mixed Signal Oscilloscopes
MSO4000B ETC2-MSO4000B Datasheet
1Mb / 26P
Mixed Signal Oscilloscopes
MSO5000B ETC2-MSO5000B Datasheet
2Mb / 28P
Mixed Signal Oscilloscopes
logo
TEKTRONIX, INC.
3SERIESMDO TEKTRONIX-3SERIESMDO Datasheet
2Mb / 36P
Mixed Domain Oscilloscopes
MDO3000 TEKTRONIX-MDO3000 Datasheet
2Mb / 40P
Mixed Domain Oscilloscopes
MSO2000B TEKTRONIX-MSO2000B Datasheet
961Kb / 18P
Mixed Signal Oscilloscopes
logo
Teledyne Technologies I...
MS-500 TELEDYNE-MS-500 Datasheet
1Mb / 8P
Mixed Signal Oscilloscopes
logo
TEKTRONIX, INC.
MSO3000 TEKTRONIX-MSO3000 Datasheet
2Mb / 20P
Mixed Signal Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com