Electronic Components Datasheet Search
  English  ▼

X  

TCJ Datasheet(PDF) 2 Page - AVX Corporation

Part # TCJ
Description  Conductive Polymer Solid Electrolytic Chip Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJ Datasheet(HTML) 2 Page - AVX Corporation

  TCJ Datasheet HTML 1Page - AVX Corporation TCJ Datasheet HTML 2Page - AVX Corporation TCJ Datasheet HTML 3Page - AVX Corporation TCJ Datasheet HTML 4Page - AVX Corporation TCJ Datasheet HTML 5Page - AVX Corporation TCJ Datasheet HTML 6Page - AVX Corporation TCJ Datasheet HTML 7Page - AVX Corporation TCJ Datasheet HTML 8Page - AVX Corporation TCJ Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
200
090419
TCJ Series
Conductive Polymer Solid Electrolytic Chip Capacitors
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)
Released ratings, (ESR ratings in mOhms in parentheses)
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher voltage ratings in the same case size, to the same reliability standards.
Cap
Rated Voltage DC (V
R) to 85°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
63V (J)
75V (P) 100V (A) 125V (B)
0.47
474
B(400)
0.68
684
B(400)
B(300)
1.0
105
B(300)
P(500)
B(300)
C(300)
1.5
155
B(200)
B(300)
C(300)
C(300)
2.2
225
B(200)
C(300)
C(200)
3.3
335
B(200)
C(200)
C(200)
D(250)
K(300,500)
B(200)
C(200)
C(200)
4.7
475
R(500)
B(100,150)
C(200)
X(250)
D(120)
D(150)
D(250)
Y(250)
6.8
685
A(200)
A(150), B(90,150)
C(200)
C(200)
D(120)
D(120)
T(100,150)
D(120)
E(100,150)
A(300)
A(200)
A(150)
B(200)
D(90,120)
10
106
N(200,250,500)
A(200,300)
B(100,200)
A(150)
B(90,100,150)
C(200)
E(70,100)
E(100,150)
R(500)
T(100,150,200)
Y(70)
B(100,150)
B(200), C(200)
15
156
A(300)
A(300)
A(200)
B(150)
Y(90)
D(70,100)
E(70,100)
Y(70,100)
A(300), K(400)
B(300)
A(300)
B(90,150)
B(100,150), C(100)
D(70,100)
22
226
A(300)
N(500), R(500)
T(70,150)
B(150)
Y(70)
D(60,100)
Y(150)
S(400), T(150)
Y(70)
A(200)
B(70,200)
A(200)
D(60,100)
D(70,100)
33
336
A(300)
B(70,200)
C(100)
H(150)
Y(70)
X(70,100)
E(55,70)
T(150)
T(70,150)
Y(45,60,70)
Y(60,70,100)
U(70), Y(100)
A(70,100,200), B(70)
B(70)
D(55)
D(60,100)
47
476
A(200)
K(150,200,400)
C(100)
X(45,70)
X(55,70)
E(50)
E(55), U(70)
T(80)
P(500), R(500)
H(100)
Y(45,70)
Y(70)
Y(100)
Y(100)
T(55,70,80,120)
A(250)
B(55,70)
D(45,55)
D(50)
D(55)
D(70)
68
686
A(250)
B(70)
C(100), H(100)
Y(45,55)
Y(50)
E(45)
E(50)
T(80)
T(200), W(70)
Y(50)
Y(100)
A(200)
A(100,150)
D(55,70)
100
107
A(200), B(70)
B(40,70)
B(40,45,55,70)
D(18,25,45,55,80)
D(50), E(40)
D(55)
E(80)
G(300)
T(70,200)
Y(18,25,45,55)
Y(50)
E(45)
U(70)
T(70,150)
Y(55)
B(25,35,45,55,70)
D(40,50,70)
150
157
B(70)
B(70), D(15)
D(12,15,25,40)
D(25,40,45,55)
E(40)
U(70)
Y(15,25,45)
H(200), W(40,70)
Y(25,40,45,55)
Y(40,50,70)
Y(15,25,40)
B(35,45,55,60,70)
B(70,200)
220
227
B(35,45,70)
D(12,15,25,40)
D(12,15,25,35,40,50)
D(15,25,40,50)
D(50
U(70)
Y(15,25,40)
H(170)
Y(15,25,40,50)
Y(15,25,35,40,50)
330
337
B(35,45,70)
D(15,25,40,50)
D(12,15,18,25,40,50)
D(25)
E(50,70)
Y(25,40)
Y(15,25,40,50)
Y(15,25,40,50)
5(35,100)
5(100)
470
477
D(12,15,25,40,50) D(10,12,15,25,40,50)
D(25)
5(100)
Y(15,25,40,50)
Y(15,25,40,50)
X(50,55,100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com