Electronic Components Datasheet Search
  English  ▼

X  

TCJ Datasheet(PDF) 7 Page - AVX Corporation

Part # TCJ
Description  Conductive Polymer Solid Electrolytic Chip Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJ Datasheet(HTML) 7 Page - AVX Corporation

Back Button TCJ Datasheet HTML 3Page - AVX Corporation TCJ Datasheet HTML 4Page - AVX Corporation TCJ Datasheet HTML 5Page - AVX Corporation TCJ Datasheet HTML 6Page - AVX Corporation TCJ Datasheet HTML 7Page - AVX Corporation TCJ Datasheet HTML 8Page - AVX Corporation TCJ Datasheet HTML 9Page - AVX Corporation TCJ Datasheet HTML 10Page - AVX Corporation TCJ Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
090419
205
RECOMMENDED DERATING FACTOR
Voltage and temperature derating as percentage of Vr
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55ºC
85ºC
105ºC
Rated Voltage
Product Category 2
Recommended Application
Voltage for Vr ≤ 10V
Recommended Application
Voltage for Vr ≥ 16V
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55ºC
85ºC
125ºC
67%
60%
54%
Product Category 1
Rated Voltage
Recommended Application
Voltage for Vr ≤ 10V
Recommended Application
Voltage for Vr ≥ 16V
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55ºC
85ºC
Rated Voltage
Product Category 5
Recommended Application
Voltage for Vr ≤ 10V
Recommended Application
Voltage for Vr ≥16V
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
-55ºC
85ºC
105ºC
Product Category 3, 4
Rated Voltage
Recommended Application
Voltage for Vr ≤ 10V
Recommended Application
Voltage for Vr ≥ 16V
80%
72%
64%
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS
with DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 274.
NOTE: AVX reserves the right to supply higher voltage ratings or tighter tolerance part in the same case size, to the same reliability standards.
TCJ Series
Conductive Polymer Solid Electrolytic Chip Capacitors
RATINGS & PART NUMBER REFERENCE
Rated
Maximum
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case Capacitance
Voltage
Operating
Max.
Max.
Max.
Product
MSL
Part No.
Size
(μF)
(V)
Temperature
(μA)
(%)
@ 100kHz
45ºC
85ºC
105ºC
125ºC
Category
(ºC)
(mΩ)
TCJD226M035#0100E
D
22
35
105
77
6
100
1500
1100
700
–
2
3
TCJY226M035#0150E
Y
22
35
105
77
6
150
1100
800
500
–
3
3
TCJD336M035#0070E
D
33
35
105
115.5
6
70
1800
1300
800
–
2
3
TCJD336M035#0100E
D
33
35
105
115.5
6
100
1500
1100
700
–
2
3
TCJE336M035#0055E
E
33
35
105
115.5
6
55
2100
1500
900
–
3
3
TCJE336M035#0070E
E
33
35
105
115.5
6
70
1900
1300
900
–
3
3
TCJU336M035R0070E
U
33
35
125
115.5
12
70
2300
1600
1000
600
1
3
TCJY336M035#0100E
Y
33
35
105
115.5
6
100
1400
1000
600
–
3
3
TCJE476M035#0055E
E
47
35
105
164.5
6
55
2100
1500
900
–
2
3
TCJU476M035R0070E
U
47
35
125
164.5
12
70
2300
1600
1000
600
1
3
TCJY476M035#0100E
Y
47
35
105
164.5
6
100
1400
1000
600
–
3
3
50 Volt @ 85°C
TCJB684M050#0400E
B
0.68
50
105
3.4
6
400
600
400
300
–
3
3
TCJB105M050#0300E
B
1.0
50
105
5
6
300
600
400
300
–
3
3
TCJB155M050#0300E
B
1.5
50
105
7.5
6
300
600
400
300
–
3
3
TCJC155M050#0300E
C
1.5
50
105
7.5
6
300
800
600
400
–
3
3
TCJC225M050#0300E
C
2.2
50
105
11
6
300
800
600
400
–
3
3
TCJC335M050#0200E
C
3.3
50
105
16.5
8
200
900
600
400
–
3
3
TCJC475M050#0200E
C
4.7
50
105
23.5
8
200
900
600
400
–
3
3
TCJX475M050#0250E
X
4.7
50
105
23.5
6
250
800
600
400
–
2
5
TCJY475M050#0250E
Y
4.7
50
105
23.5
6
250
900
600
400
–
2
5
TCJC685M050#0200E
C
6.8
50
105
34
8
200
900
600
400
–
3
3
TCJD685M050#0120E
D
6.8
50
105
34
10
120
1400
1000
600
–
3
3
TCJD106M050#0090E
D
10
50
105
50
10
90
1600
1100
700
–
3
3
TCJD106M050#0120E
D
10
50
105
50
10
120
1400
1000
600
–
3
3
TCJE106M050#0070E
E
10
50
105
50
6
70
1900
1300
900
–
3
3
TCJE106M050#0100E
E
10
50
105
50
6
100
1600
1100
700
–
3
3
TCJE156M050#0070E
E
15
50
105
75
6
70
1900
1300
900
–
3
3
TCJE156M050#0100E
E
15
50
105
75
6
100
1600
1100
700
–
3
3
63 Volt @ 85°C
TCJB474M063#0400E
B
0.47
63
105
3
8
400
600
400
300
–
3
3
TCJB684M063#0300E
B
0.68
63
105
4.3
8
300
600
400
300
–
3
3
TCJB105M063#0300E
B
1.0
63
105
6.3
8
300
600
400
300
–
3
3
TCJC105M063#0300E
C
1.0
63
105
6.3
6
300
800
600
400
–
3
3
TCJC155M063#0300E
C
1.5
63
105
9.5
6
300
800
600
400
–
3
3
TCJC225M063#0200E
C
2.2
63
105
13.9
6
200
900
600
400
–
3
3
TCJC335M063#0200E
C
3.3
63
105
20.8
6
200
900
600
400
–
3
3
TCJC475M063#0200E
C
4.7
63
105
29.6
6
200
900
600
400
–
3
3
TCJD475M063#0120E
D
4.7
63
105
29.6
6
120
1400
1000
600
–
3
3
TCJD685M063#0120E
D
6.8
63
105
42.8
6
120
1400
1000
600
–
3
3
TCJE685M063#0100E
E
6.8
63
105
42.8
6
100
1600
1100
700
–
3
3
TCJE685M063#0150E
E
6.8
63
105
42.8
6
150
1300
900
600
–
3
3
TCJE106M063#0100E
E
10
63
105
63
6
100
1600
1100
700
–
3
3
TCJE106M063#0150E
E
10
63
105
63
6
150
1300
900
600
–
3
3
75 Volt @ 85°C
TCJD475M075#0150E
D
4.7
75
105
35.3
6
150
1200
800
500
–
3
3
TCJD685M075#0120E
D
6.8
75
105
51
6
120
1400
1000
600
–
3
3
100 Volt @ 85°C
TCJD475M100#0250E
D
4.7
100
105
47
8
250
900
600
400
–
4
3
125 Volt @ 85°C
TCJD335M125#0250E
D
3.3
125
105
41.2
8
250
900
600
400
–
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com