Electronic Components Datasheet Search
  English  ▼

X  

TCJ Datasheet(PDF) 3 Page - AVX Corporation

Part # TCJ
Description  Conductive Polymer Solid Electrolytic Chip Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJ Datasheet(HTML) 3 Page - AVX Corporation

  TCJ Datasheet HTML 1Page - AVX Corporation TCJ Datasheet HTML 2Page - AVX Corporation TCJ Datasheet HTML 3Page - AVX Corporation TCJ Datasheet HTML 4Page - AVX Corporation TCJ Datasheet HTML 5Page - AVX Corporation TCJ Datasheet HTML 6Page - AVX Corporation TCJ Datasheet HTML 7Page - AVX Corporation TCJ Datasheet HTML 8Page - AVX Corporation TCJ Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
090419
201
TCJ Series
Conductive Polymer Solid Electrolytic Chip Capacitors
RATINGS & PART NUMBER REFERENCE
Rated
Maximum
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case Capacitance
Voltage
Operating
Max.
Max.
Max.
Product
MSL
Part No.
Size
(μF)
(V)
Temperature
(μA)
(%)
@ 100kHz
45ºC
85ºC
105ºC
125ºC
Category
(ºC)
(mΩ)
2.5 Volt @ 85°C
TCJA686M002#0250E
A
68
2.5
105
17
6
250
600
400
300
–
3
3
TCJA107M002#0200E
A
100
2.5
105
25
6
200
700
500
300
–
3
3
TCJB107M002#0070E
B
100
2.5
125
25
6
70
1300
900
600
300
1
3
TCJB157M002#0070E
B
150
2.5
105
37.5
6
70
1300
900
600
–
3
3
TCJB227M002#0035E
B
220
2.5
105
55
8
35
1900
1300
900
–
3
3
TCJB227M002#0045E
B
220
2.5
105
55
8
45
1700
1200
800
–
3
3
TCJB227M002#0070E
B
220
2.5
105
55
8
70
1300
900
600
–
3
3
TCJB337M002#0035E
B
330
2.5
105
82.5
8
35
1900
1300
900
–
3
3
TCJB337M002#0045E
B
330
2.5
105
82.5
8
45
1700
1200
800
–
3
3
TCJB337M002#0070E
B
330
2.5
105
82.5
8
70
1300
900
600
–
3
3
TCJY337M002#0025E
Y
330
2.5
105
82.5
6
25
2700
1900
1200
–
2
3
TCJY337M002#0040E
Y
330
2.5
105
82.5
6
40
2200
1500
1000
–
3
3
TCJD477M002#0012
D
470
2.5
105
117.5
6
12
4300
3000
1900
–
2
3
TCJD477M002#0015E
D
470
2.5
105
117.5
6
15
3900
2700
1800
–
2
3
TCJD477M002#0025E
D
470
2.5
105
117.5
6
25
3000
2100
1400
–
2
3
TCJD477M002#0040E
D
470
2.5
105
117.5
6
40
2400
1700
1100
–
3
3
TCJD477M002#0050E
D
470
2.5
105
117.5
6
50
2100
1500
900
–
3
3
TCJY477M002#0015
Y
470
2.5
85
117.5
6
15
3500
2500
–
–
5
3
TCJY477M002#0025E
Y
470
2.5
105
117.5
6
25
2700
1900
1200
–
3
3
TCJY477M002#0040E
Y
470
2.5
105
117.5
6
40
2200
1500
1000
–
3
3
TCJY477M002#0050E
Y
470
2.5
105
117.5
6
50
1900
1300
900
–
3
3
4 Volt @ 85°C
TCJA156M004#0300E
A
15
4
125
6
6
300
600
400
300
200
1
3
TCJA226M004#0300E
A
22
4
125
8.8
6
300
600
400
300
200
1
3
TCJA336M004#0300E
A
33
4
125
13.2
6
300
600
400
300
200
1
3
TCJA476M004#0200E
A
47
4
105
18.8
6
200
700
500
300
–
3
3
TCJT476M004#0080E
T
47
4
105
18.8
8
80
1100
800
500
–
3
3
TCJA686M004#0250E
A
68
4
105
27.2
6
250
600
400
300
–
3
3
TCJB686M004#0070E
B
68
4
125
27.2
6
70
1300
900
600
300
1
3
TCJT686M004#0080E
T
68
4
105
27.2
8
80
1100
800
500
–
3
3
TCJA107M004#0200E
A
100
4
105
40
6
200
700
500
300
–
3
3
TCJB107M004#0040E
B
100
4
105
40
8
40
1800
1300
800
–
3
3
TCJB107M004#0070E
B
100
4
125
40
8
70
1300
900
600
300
1
3
TCJG107M004#0300E
G
100
4
105
40
10
300
600
400
300
–
3
3
TCJT107M004#0070E
T
100
4
105
40
8
70
1200
800
500
–
3
3
TCJT107M004#0150E
T
100
4
105
40
8
150
800
600
400
–
3
3
TCJB157M004#0070E
B
150
4
105
60
6
70
1300
900
600
–
3
3
TCJD157M004#0015
D
150
4
105
60
6
15
3900
2700
1800
–
2
3
TCJY157M004#0015
Y
150
4
105
60
6
15
3500
2500
1600
–
2
3
TCJY157M004#0025E
Y
150
4
105
60
6
25
2700
1900
1200
–
2
3
TCJY157M004#0045E
Y
150
4
105
60
6
45
2000
1400
900
–
3
3
TCJB227M004#0035E
B
220
4
105
88
10
35
1900
1300
900
–
3
3
TCJB227M004#0045E
B
220
4
105
88
10
45
1700
1200
800
–
3
3
TCJB227M004#0055
B
220
4
105
88
10
55
1500
1100
700
–
3
3
TCJB227M004#0060E
B
220
4
105
88
10
60
1400
1000
600
–
3
3
TCJB227M004#0070E
B
220
4
105
88
10
70
1300
900
600
–
3
3
TCJD227M004#0012
D
220
4
105
88
6
12
4300
3000
1900
–
2
3
TCJD227M004#0015E
D
220
4
105
88
6
15
3900
2700
1800
–
2
3
TCJD227M004#0025E
D
220
4
105
88
6
25
3000
2100
1400
–
2
3
TCJD227M004#0040E
D
220
4
105
88
6
40
2400
1700
1100
–
2
3
TCJY227M004#0015
Y
220
4
105
88
6
15
3500
2500
1600
–
2
3
TCJY227M004#0025E
Y
220
4
105
88
6
25
2700
1900
1200
–
2
3
TCJY227M004#0040E
Y
220
4
105
88
6
40
2200
1500
1000
–
3
3
TCJD337M004#0015E
D
330
4
105
132
6
15
3900
2700
1800
–
2
3
TCJD337M004#0025E
D
330
4
105
132
6
25
3000
2100
1400
–
2
3
TCJD337M004#0040E
D
330
4
105
132
6
40
2400
1700
1100
–
3
3
TCJD337M004#0050E
D
330
4
105
132
6
50
2100
1500
900
–
3
3
TCJY337M004#0015
Y
330
4
85
132
6
15
3500
2500
–
–
5
3
TCJY337M004#0025E
Y
330
4
105
132
6
25
2700
1900
1200
–
3
3
TCJY337M004#0040E
Y
330
4
105
132
6
40
2200
1500
1000
–
3
3
TCJY337M004#0050E
Y
330
4
105
132
6
50
1900
1300
900
–
3
3
TCJD477M004#0010
D
470
4
105
188
6
10
4700
3300
2100
–
2
3
TCJD477M004#0012
D
470
4
105
188
6
12
4300
3000
1900
–
2
3
TCJD477M004#0015E
D
470
4
105
188
6
15
3900
2700
1800
–
2
3
TCJD477M004#0025E
D
470
4
105
188
6
25
3000
2100
1400
–
2
3
TCJD477M004#0040E
D
470
4
105
188
6
40
2400
1700
1100
–
2
3
TCJD477M004#0050E
D
470
4
105
188
6
50
2100
1500
900
–
2
3
TCJY477M004#0015
Y
470
4
85
188
6
15
3500
2500
–
–
5
3
TCJY477M004#0025E
Y
470
4
105
188
6
25
2700
1900
1200
–
3
3
TCJY477M004#0040E
Y
470
4
105
188
6
40
2200
1500
1000
–
3
3
TCJY477M004#0050E
Y
470
4
105
188
6
50
1900
1300
900
–
3
3
6.3 Volt @ 85°C
TCJA106M006#0300E
A
10
6.3
125
6
6
300
600
400
300
200
1
3
TCJN106M006#0200E
N
10
6.3
105
6
6
200
600
400
300
–
3
3
TCJN106M006#0250E
N
10
6.3
105
6
6
250
600
400
300
–
3
3
TCJN106M006#0500E
N
10
6.3
105
6
6
500
400
300
200
–
3
3
TCJR106M006#0500E
R
10
6.3
105
6
6
500
400
300
200
–
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com