Electronic Components Datasheet Search
  English  ▼

X  

TCJ Datasheet(PDF) 4 Page - AVX Corporation

Part # TCJ
Description  Conductive Polymer Solid Electrolytic Chip Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJ Datasheet(HTML) 4 Page - AVX Corporation

  TCJ Datasheet HTML 1Page - AVX Corporation TCJ Datasheet HTML 2Page - AVX Corporation TCJ Datasheet HTML 3Page - AVX Corporation TCJ Datasheet HTML 4Page - AVX Corporation TCJ Datasheet HTML 5Page - AVX Corporation TCJ Datasheet HTML 6Page - AVX Corporation TCJ Datasheet HTML 7Page - AVX Corporation TCJ Datasheet HTML 8Page - AVX Corporation TCJ Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
202
090419
TCJ Series
Conductive Polymer Solid Electrolytic Chip Capacitors
RATINGS & PART NUMBER REFERENCE
Rated
Maximum
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case Capacitance
Voltage
Operating
Max.
Max.
Max.
Product
MSL
Part No.
Size
(μF)
(V)
Temperature
(μA)
(%)
@ 100kHz
45ºC
85ºC
105ºC
125ºC
Category
(ºC)
(mΩ)
TCJA156M006#0300E
A
15
6.3
125
9
6
300
600
400
300
200
1
3
TCJA226M006#0300E
A
22
6.3
125
13.2
6
300
600
400
300
200
1
3
TCJK226M006#0400E
K
22
6.3
105
13.2
8
400
500
400
200
–
3
3
TCJN226M006#0500E
N
22
6.3
105
13.2
10
500
400
300
200
–
3
3
TCJR226M006#0500E
R
22
6.3
105
13.2
10
500
400
300
200
–
3
3
TCJS226M006#0400E
S
22
6.3
105
13.2
8
400
500
400
200
–
3
3
TCJT226M006#0150E
T
22
6.3
105
13.2
6
150
800
600
400
–
3
3
TCJA336M006#0200E
A
33
6.3
105
19.8
6
200
700
500
300
–
3
3
TCJB336M006#0070E
B
33
6.3
125
19.8
6
70
1300
900
600
300
1
3
TCJB336M006#0200E
B
33
6.3
125
19.8
6
200
800
600
400
200
1
3
TCJT336M006#0150E
T
33
6.3
105
19.8
8
150
800
600
400
–
3
3
TCJA476M006#0070E
A
47
6.3
105
28.2
6
70
1200
800
500
–
3
3
TCJA476M006#0100E
A
47
6.3
105
28.2
6
100
1000
700
500
–
3
3
TCJA476M006#0200E
A
47
6.3
105
28.2
6
200
700
500
300
–
3
3
TCJB476M006#0070E
B
47
6.3
125
28.2
6
70
1300
900
600
300
1
3
TCJK476M006#0150E
K
47
6.3
105
28.2
6
150
800
600
400
–
3
3
TCJK476M006#0200E
K
47
6.3
105
28.2
6
200
700
500
300
–
3
3
TCJK476M006#0400E
K
47
6.3
105
28.2
6
400
500
400
200
–
3
3
TCJP476M006#0500E
P
47
6.3
105
28.2
10
500
400
300
200
–
3
3
TCJR476M006#0500E
R
47
6.3
105
28.2
10
500
400
300
200
–
3
3
TCJT476M006#0055E
T
47
6.3
105
28.2
8
55
1300
900
600
–
3
3
TCJT476M006#0070E
T
47
6.3
105
28.2
8
70
1200
800
500
–
3
3
TCJT476M006#0080E
T
47
6.3
105
28.2
8
80
1100
800
500
–
3
3
TCJT476M006#0120E
T
47
6.3
105
28.2
8
120
900
600
400
–
3
3
TCJB686M006#0055E
B
68
6.3
125
40.8
8
55
1500
1100
700
400
1
3
TCJB686M006#0070E
B
68
6.3
125
40.8
8
70
1300
900
600
300
1
3
TCJC686M006#0100E
C
68
6.3
125
40.8
6
100
1300
900
600
300
1
3
TCJH686M006#0100E
H
68
6.3
105
40.8
6
100
1000
700
500
–
3
3
TCJT686M006#0200E
T
68
6.3
105
40.8
8
200
700
500
300
–
3
3
TCJW686M006#0070E
W
68
6.3
125
40.8
8
70
1400
1000
600
400
1
3
TCJA107M006#0100E
A
100
6.3
105
60
10
100
1000
700
500
–
3
3
TCJA107M006#0150E
A
100
6.3
105
60
10
150
800
600
400
–
3
3
TCJB107M006#0040E
B
100
6.3
105
60
10
40
1800
1300
800
–
3
3
TCJB107M006#0045E
B
100
6.3
105
60
10
45
1700
1200
800
–
3
3
TCJB107M006#0055E
B
100
6.3
105
60
10
55
1500
1100
700
–
3
3
TCJB107M006#0070E
B
100
6.3
105
60
10
70
1300
900
600
–
3
3
TCJT107M006#0070E
T
100
6.3
105
60
10
70
1200
800
500
–
3
3
TCJT107M006#0200E
T
100
6.3
105
60
10
200
700
500
300
–
3
3
TCJB157M006#0025E
B
150
6.3
105
90
10
25
2200
1500
1000
–
3
3
TCJB157M006#0035E
B
150
6.3
105
90
10
35
1900
1300
900
–
3
3
TCJB157M006#0045E
B
150
6.3
105
90
10
45
1700
1200
800
–
3
3
TCJB157M006#0055E
B
150
6.3
105
90
10
55
1500
1100
700
–
3
3
TCJB157M006#0070E
B
150
6.3
105
90
10
70
1300
900
600
–
3
3
TCJD157M006#0012
D
150
6.3
105
90
6
12
4300
3000
1900
–
2
3
TCJD157M006#0015E
D
150
6.3
105
90
6
15
3900
2700
1800
–
2
3
TCJD157M006#0025E
D
150
6.3
105
90
6
25
3000
2100
1400
–
2
3
TCJD157M006#0040E
D
150
6.3
105
90
6
40
2400
1700
1100
–
2
3
TCJH157M006#0200E
H
150
6.3
105
90
6
200
700
500
300
–
3
3
TCJW157M006#0040E
W
150
6.3
105
90
6
40
1800
1300
800
–
3
3
TCJW157M006#0070E
W
150
6.3
105
90
6
70
1400
1000
600
–
3
3
TCJY157M006#0015
Y
150
6.3
105
90
6
15
3500
2500
1600
–
2
3
TCJY157M006#0025E
Y
150
6.3
105
90
6
25
2700
1900
1200
–
2
3
TCJY157M006#0040E
Y
150
6.3
105
90
6
40
2200
1500
1000
–
3
3
TCJB227M006#0070E
B
220
6.3
105
132
10
70
1300
900
600
–
3
3
TCJB227M006#0200E
B
220
6.3
105
132
10
200
800
600
400
–
3
3
TCJD227M006#0012
D
220
6.3
105
132
6
12
4300
3000
1900
–
2
3
TCJD227M006#0015E
D
220
6.3
105
132
6
15
3900
2700
1800
–
2
3
TCJD227M006#0025E
D
220
6.3
105
132
6
25
3000
2100
1400
–
2
3
TCJD227M006#0035E
D
220
6.3
105
132
6
35
2500
1800
1100
–
3
3
TCJD227M006#0040E
D
220
6.3
105
132
6
40
2400
1700
1100
–
3
3
TCJD227M006#0050E
D
220
6.3
105
132
6
50
2100
1500
900
–
3
3
TCJH227M006#0170E
H
220
6.3
105
132
10
170
800
600
400
–
3
3
TCJY227M006#0015
Y
220
6.3
85
132
6
15
3500
2500
–
–
5
3
TCJY227M006#0025E
Y
220
6.3
105
132
6
25
2700
1900
1200
–
2
3
TCJY227M006#0035E
Y
220
6.3
105
132
6
35
2300
1600
1000
–
2
3
TCJY227M006#0040E
Y
220
6.3
105
132
6
40
2200
1500
1000
–
2
3
TCJY227M006#0050E
Y
220
6.3
105
132
6
50
1900
1300
900
–
2
3
TCJD337M006#0012
D
330
6.3
105
198
6
12
4300
3000
1900
–
3
3
TCJD337M006#0015E
D
330
6.3
105
198
6
15
3900
2700
1800
–
3
3
TCJD337M006#0018E
D
330
6.3
105
198
6
18
3500
2500
1600
–
3
3
TCJD337M006#0025E
D
330
6.3
105
198
6
25
3000
2100
1400
–
3
3
TCJD337M006#0040E
D
330
6.3
105
198
6
40
2400
1700
1100
–
2
3
TCJD337M006#0050E
D
330
6.3
105
198
6
50
2100
1500
900
–
2
3
TCJY337M006#0015
Y
330
6.3
85
198
12
15
3500
2500
–
–
5
3
TCJY337M006#0025E
Y
330
6.3
105
198
12
25
2700
1900
1200
–
3
3
TCJY337M006#0040E
Y
330
6.3
105
198
12
40
2200
1500
1000
–
3
3
TCJY337M006#0050E
Y
330
6.3
105
198
12
50
1900
1300
900
–
3
3
TCJD477M006#0025E
D
470
6.3
105
282
6
25
3000
2100
1400
–
2
3
TCJX477M006#0050
X
470
6.3
105
282
6
50
1900
1300
900
–
3
3
TCJX477M006#0055E
X
470
6.3
105
282
6
55
1800
1300
800
–
3
3
TCJX477M006#0100E
X
470
6.3
105
282
6
100
1300
900
600
–
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com