Electronic Components Datasheet Search
  English  ▼

X  

GC5018 Datasheet(PDF) 66 Page - Texas Instruments

Part # GC5018
Description  8-CHANNEL WIDEBAND RECEIVER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5018 Datasheet(HTML) 66 Page - Texas Instruments

Back Button GC5018 Datasheet HTML 62Page - Texas Instruments GC5018 Datasheet HTML 63Page - Texas Instruments GC5018 Datasheet HTML 64Page - Texas Instruments GC5018 Datasheet HTML 65Page - Texas Instruments GC5018 Datasheet HTML 66Page - Texas Instruments GC5018 Datasheet HTML 67Page - Texas Instruments GC5018 Datasheet HTML 68Page - Texas Instruments GC5018 Datasheet HTML 69Page - Texas Instruments GC5018 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 115 page
background image
www.ti.com
GC5018
8-CHANNEL WIDEBAND RECEIVER
SLWS169 – MAY 2005
4.4.3.24
RECV_PMETER3_CONFIG Register
Register name: RECV_PMETER3_CONFIG
Address: 0x17
BIT 15
BIT 8
recv_pmeter3_sqr_sum(20:16)
recv_pmeter3_strt_intrvl(20:18)
0
0
0
0
0
0
0
0
BIT 7
BIT 0
recv_pmeter3_strt_ intrvl(17:16)
unused
unused
unused
ssel_delay_line_3(2:0)
0
0
0
0
0
0
0
0
recv_pmeter3_sqr_sum(20:16) : MSBs of sqr_sum value, in 8 sample units
recv_pmeter3_strt_intrvl(20:16) : MSBs of start interval value, in 8 sample units
ssel_delay_line_3(2:0) : Sync source selection for the 64 sample delay line pointer value update
4.4.3.25
RECV_SLF_TST_VALUE Register
Register name: RECV_SLF_TST_VALUE
Address: 0x18
BIT 15
BIT 8
self_test_constant(15:8)
0
0
0
0
0
0
0
0
BIT 7
BIT 0
self_test_constant(7:0)
0
0
0
0
0
0
0
0
self_test_constant(15:0) : 16 bit constant presented at the test and noise generator output when
enabled. Used for test and debug purposes.
4.4.3.26
RECV_PMETER0_LSB Register
Register name: RECV_PMETER0_LSB
Address: 0x20
READ ONLY
BIT 15
BIT 8
recv_pmeter0(15:8)
0
0
0
0
0
0
0
0
BIT 7
BIT 0
recv_pmeter0(7:0)
0
0
0
0
0
0
0
0
recv_pmeter0(15:0) : Lower bits of the power meter 0 measurement
4.4.3.27
RECV_PMETER0_MID Register
Register name: RECV_PMETER0_MID
Address: 0x21
READ ONLY
BIT 15
BIT 8
recv_pmeter0(31:24)
0
0
0
0
0
0
0
0
BIT 7
BIT 0
66
GC5018 GENERAL CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com