Electronic Components Datasheet Search
  English  ▼

X  

A29L040AX Datasheet(PDF) 12 Page - AMIC Technology

Part # A29L040AX
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AX Datasheet(HTML) 12 Page - AMIC Technology

Back Button A29L040AX Datasheet HTML 8Page - AMIC Technology A29L040AX Datasheet HTML 9Page - AMIC Technology A29L040AX Datasheet HTML 10Page - AMIC Technology A29L040AX Datasheet HTML 11Page - AMIC Technology A29L040AX Datasheet HTML 12Page - AMIC Technology A29L040AX Datasheet HTML 13Page - AMIC Technology A29L040AX Datasheet HTML 14Page - AMIC Technology A29L040AX Datasheet HTML 15Page - AMIC Technology A29L040AX Datasheet HTML 16Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
A29L040A Series
PRELIMINARY
(March, 2005, Version 0.0)
11
AMIC Technology, Corp.
Write Operation Status
Several bits, I/O2, I/O3, I/O5, I/O6, and I/O7, are provided in the
A29L040A to determine the status of a write operation. Table 5
and the following subsections describe the functions of these
status bits. I/O7, I/O6 and I/O2 each offer a method for
determining whether a program or erase operation is complete or
in progress. These three bits are discussed first.
I/O7: Data Polling
The
Data Polling bit, I/O7, indicates to the host system whether
an Embedded Algorithm is in progress or completed, or whether
the device is in Erase Suspend.
Data Polling is valid after the
rising edge of the final
WE pulse in the program or erase
command sequence.
During the Embedded Program algorithm, the device outputs on
I/O7 the complement of the datum programmed to I/O7. This I/O7
status also applies to programming during Erase Suspend. When
the Embedded Program algorithm is complete, the device outputs
the datum programmed to I/O7. The system must provide the
program address to read valid status information on I/O7. If a
program address falls within a protected sector,
Data Polling on
I/O7 is active for approximately 2
µs, then the device returns to
reading array data.
During the Embedded Erase algorithm,
Data Polling produces a
"0" on I/O7. When the Embedded Erase algorithm is complete, or
if the device enters the Erase Suspend mode,
Data Polling
produces a "1" on I/O7.This is analogous to the complement/true
datum output described for the Embedded Program algorithm:
the erase function changes all the bits in a sector to "1"; prior to
this, the device outputs the "complement," or "0." The system
must provide an address within any of the sectors selected for
erasure to read valid status information on I/O7.
After an erase command sequence is written, if all sectors
selected for erasing are protected,
Data Polling on I/O7 is active
for approximately 100
µs, then the device returns to reading array
data. If not all selected sectors are protected, the Embedded
Erase algorithm erases the unprotected sectors, and ignores the
selected sectors that are protected.
When the system detects I/O7 has changed from the complement
to true data, it can read valid data at I/O7 - I/O0 on the following
read cycles. This is because I/O7 may change asynchronously
with I/O0 - I/O6 while Output Enable (
OE ) is asserted low. The
Data Polling Timings (During Embedded Algorithms) figure in
the "AC Characteristics" section illustrates this. Table 5 shows
the outputs for
Data Polling on I/O7. Figure 3 shows the Data
Polling algorithm.
START
Read I/O7-I/O0
Address = VA
I/O7 = Data ?
FAIL
No
Note :
1. VA = Valid address for programming. During a sector
erase operation, a valid address is an address within any
sector selected for erasure. During chip erase, a valid
address is any non-protected sector address.
2. I/O7 should be rechecked even if I/O5 = "1" because
I/O7 may change simultaneously with I/O5.
No
Read I/O7 - I/O0
Address = VA
I/O5 = 1?
I/O7 = Data ?
Yes
No
PASS
Yes
Yes
Figure 3. Data Polling Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com