Electronic Components Datasheet Search
  English  ▼

X  

A29L040AX Datasheet(PDF) 24 Page - AMIC Technology

Part # A29L040AX
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AX Datasheet(HTML) 24 Page - AMIC Technology

Back Button A29L040AX Datasheet HTML 20Page - AMIC Technology A29L040AX Datasheet HTML 21Page - AMIC Technology A29L040AX Datasheet HTML 22Page - AMIC Technology A29L040AX Datasheet HTML 23Page - AMIC Technology A29L040AX Datasheet HTML 24Page - AMIC Technology A29L040AX Datasheet HTML 25Page - AMIC Technology A29L040AX Datasheet HTML 26Page - AMIC Technology A29L040AX Datasheet HTML 27Page - AMIC Technology A29L040AX Datasheet HTML 28Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
23
AMIC Technology, Corp.
Latch-up Characteristics
Description
Min.
Max.
Input Voltage with respect to VSS on all I/O pins
-1.0V
VCC+1.0V
VCC Current
-100 mA
+100 mA
Includes all pins except VCC. Test conditions: VCC = 3.0V, one pin at time.
TSOP Pin Capacitance
Parameter Symbol
Parameter Description
Test Setup
Typ.
Max.
Unit
CIN
Input Capacitance
VIN=0
6
7.5
pF
COUT
Output Capacitance
VOUT=0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN=0
7.5
9
pF
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25
°C, f = 1.0MHz
PLCC Pin Capacitance
Parameter Symbol
Parameter Description
Test Setup
Typ.
Max.
Unit
CIN
Input Capacitance
VIN=0
4
6
pF
COUT
Output Capacitance
VOUT=0
8
12
pF
CIN2
Control Pin Capacitance
VPP=0
8
12
pF
Notes:
3. Sampled, not 100% tested.
4. Test conditions TA = 25
°C, f = 1.0MHz
Data Retention
Parameter
Test Conditions
Min
Unit
150
°C
10
Years
Minimum Pattern Data Retention Time
125
°C
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com