Electronic Components Datasheet Search
  English  ▼

X  

A29L040AX Datasheet(PDF) 30 Page - AMIC Technology

Part # A29L040AX
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AX Datasheet(HTML) 30 Page - AMIC Technology

Back Button A29L040AX Datasheet HTML 22Page - AMIC Technology A29L040AX Datasheet HTML 23Page - AMIC Technology A29L040AX Datasheet HTML 24Page - AMIC Technology A29L040AX Datasheet HTML 25Page - AMIC Technology A29L040AX Datasheet HTML 26Page - AMIC Technology A29L040AX Datasheet HTML 27Page - AMIC Technology A29L040AX Datasheet HTML 28Page - AMIC Technology A29L040AX Datasheet HTML 29Page - AMIC Technology A29L040AX Datasheet HTML 30Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
29
AMIC Technology, Corp.
Package Information
sTSOP 32L TYPE I (8 X 14mm) Outline Dimensions
unit: inches/mm
e
Detail "A"
Detail "A"
b
D1
D
L
θ
Pin1
Gage Plane
y
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.047
-
-
1.20
A1
0.002
-
0.006
0.05
-
0.15
A2
0.037
0.039
0.041
0.95
1.00
1.05
b
0.0067
0.0087
0.0106
0.17
0.22
0.27
c
0.004
-
0.0083
0.10
-
0.21
E
0.311
0.315
0.319
7.90
8.00
8.10
e
-
0.0197
-
-
0.50
-
D
0.543
0.551
0.559
13.80
14.00
14.20
D1
0.484
0.488
0.492
12.30
12.40
12.50
L
0.020
0.024
0.028
0.50
0.60
0.70
y
0.000
-
0.003
0.00
-
0.076
θ
0
°
3
°
5
°
0
°
3
°
5
°
Notes:
1. Dimension E does not include mold flash.
2. Dimension D1 does not include interlead flash.
3. Dimension b does not include dambar protrusion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com