Electronic Components Datasheet Search
  English  ▼

X  

A29L040AX Datasheet(PDF) 18 Page - AMIC Technology

Part # A29L040AX
Description  512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040AX Datasheet(HTML) 18 Page - AMIC Technology

Back Button A29L040AX Datasheet HTML 14Page - AMIC Technology A29L040AX Datasheet HTML 15Page - AMIC Technology A29L040AX Datasheet HTML 16Page - AMIC Technology A29L040AX Datasheet HTML 17Page - AMIC Technology A29L040AX Datasheet HTML 18Page - AMIC Technology A29L040AX Datasheet HTML 19Page - AMIC Technology A29L040AX Datasheet HTML 20Page - AMIC Technology A29L040AX Datasheet HTML 21Page - AMIC Technology A29L040AX Datasheet HTML 22Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
A29L040A Series
PRELIMINARY (March, 2005, Version 0.0)
17
AMIC Technology, Corp.
AC Characteristics
Erase and Program Operations
Parameter Symbols
Speed
JEDEC
Std
Description
-70
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min.
70
ns
tAVWL
tAS
Address Setup Time
Min.
0
ns
tWLAX
tAH
Address Hold Time
Min.
45
ns
tDVWH
tDS
Data Setup Time
Min.
30
ns
tWHDX
tDH
Data Hold Time
Min.
0
ns
tOES
Output Enable Setup Time
Min.
0
ns
tGHWL
tGHWL
Read Recover Time Before Write
(
OE high to WE low)
Min.
0
ns
tELWL
tCS
CE Setup Time
Min.
0
ns
tWHEH
tCH
CE Hold Time
Min.
0
ns
tWLWH
tWP
Write Pulse Width
Min.
35
ns
Min.
20
ns
tWHWL
tWPH
Write Pulse Width High
Max.
50
µs
tWHWH1
tWHWH1
Byte Programming Operation
(Note 2)
Typ.
17
µs
tWHWH2
tWHWH2
Sector Erase Operation
(Note 2)
Typ.
2
sec
tVCS
VCC Set Up Time (Note 1)
Min.
50
µs
Notes:
1. Not 100% tested.
2. See the "Erase and Programming Performance" section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com