Electronic Components Datasheet Search
  English  ▼

X  

DS2745 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2745
Description  Low-Cost I2C Battery Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2745 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2745 Datasheet HTML 1Page - Maxim Integrated Products DS2745 Datasheet HTML 2Page - Maxim Integrated Products DS2745 Datasheet HTML 3Page - Maxim Integrated Products DS2745 Datasheet HTML 4Page - Maxim Integrated Products DS2745 Datasheet HTML 5Page - Maxim Integrated Products DS2745 Datasheet HTML 6Page - Maxim Integrated Products DS2745 Datasheet HTML 7Page - Maxim Integrated Products DS2745 Datasheet HTML 8Page - Maxim Integrated Products DS2745 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
091405
FEATURES
16-Bit Bidirectional Current Measurement
1.56
mV LSB, ±51.2mV Dynamic Range
104
mA LSB, ±3.4A Dynamic Range (RSNS =
15m
W)
Current Accumulation Register Resolution
6.25
mVhr LSB, ±204.8mVh Range
0.417mAhr LSB, ±13.65Ah Range
(RSNS = 15m
W)
11-Bit Voltage Measurement
4.88mV LSB, 0V to 5V Input Range
11-Bit Temperature Measurement
0.125ºC Resolution, -20ºC to +70ºC
Industry Standard I
2C* Interface
Low Power Consumption:
Active Current:
70
mA typical, 100mA max
Sleep Current:
1
mA typical, 3mA max
BLOCK DIAGRAM
VDD
VIN
SCL
SNS
VSS
SDA
Sense
DS2745
Li+
Protector
Fuel Gauge
Algorithm
µP
PACK-
COMM
PACK+
PIN CONFIGURATION
DESCRIPTION
The DS2745 provides current-flow, voltage, and
temperature measurement data to support battery-
capacity monitoring in cost-sensitive applications. The
DS2745 can be mounted on either the host side or
pack side of the application. Current measurement
and coulomb counting is accomplished by monitoring
the voltage drop across an external sense resistor,
voltage measurement is accomplished through a
separate
voltage-sense
input,
and
temperature
measurement takes place on-chip. A standard I
2C
interface with software programmable address gives
the controlling microprocessor access to all data and
status registers inside the DS2745. A low-power sleep
mode state conserves energy when the cell pack is in
storage.
APPLICATIONS
Cellular
GPS
PDAs
Handheld Products
Table 1. ORDERING INFORMATION
PART
MARKING
PIN-PACKAGE
DS2745U+
2745
mMAX package
DS2745U+/T&R
2745
DS2745U+ in Tape-and-Reel
+Denotes lead-free package.
*I
2C is a trademark of Philips Corp. Purchase of I2C components from Maxim Integrated Products, Inc., or one of its sublicensed Associated
Companies, conveys a license under the Philips I
2C Patent Rights to use these components in an I2C system, provided that the system
conforms to the I
2C Standard Specification as defined by Philips.
DS2745
Low-Cost I2C Battery Monitor
www.maxim-ic.com
mMAX
SDA
VDD
VIN
CTG
VSS
SNS
PIO
SCL
6
8
7
5
3
1
2
4
See Table 1 for Ordering Information.


Similar Part No. - DS2745

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2745 MAXIM-DS2745 Datasheet
237Kb / 15P
Low-Cost I2C Battery Monitor
5/09
DS2745EVKIT MAXIM-DS2745EVKIT Datasheet
150Kb / 11P
Low-Cost I2C Battery Monitor Evaluation Kit
Rev 11/09
DS2745U+ MAXIM-DS2745U+ Datasheet
237Kb / 15P
Low-Cost I2C Battery Monitor
5/09
DS2745U+TR MAXIM-DS2745U+TR Datasheet
237Kb / 15P
Low-Cost I2C Battery Monitor
5/09
DS2745 MAXIM-DS2745_09 Datasheet
237Kb / 15P
Low-Cost I2C Battery Monitor
5/09
More results

Similar Description - DS2745

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6886 STMICROELECTRONICS-STV6886 Datasheet
486Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Apr-2000
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9111 STMICROELECTRONICS-TDA9111 Datasheet
493Kb / 43P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9112 STMICROELECTRONICS-TDA9112 Datasheet
621Kb / 51P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
05-Nov-2001
TDA9113 STMICROELECTRONICS-TDA9113 Datasheet
582Kb / 50P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Oct-2001
TDA9115 STMICROELECTRONICS-TDA9115 Datasheet
579Kb / 45P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
18-Jul-2001
TDA9116 STMICROELECTRONICS-TDA9116 Datasheet
725Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
23-Nov-2000
STV9118 STMICROELECTRONICS-STV9118 Datasheet
577Kb / 46P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Nov-2003
logo
Maxim Integrated Produc...
DS2745 MAXIM-DS2745_09 Datasheet
237Kb / 15P
Low-Cost I2C Battery Monitor
5/09
DS2745EVKIT MAXIM-DS2745EVKIT Datasheet
150Kb / 11P
Low-Cost I2C Battery Monitor Evaluation Kit
Rev 11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com