Electronic Components Datasheet Search
  English  ▼

X  

DS2745 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS2745
Description  Low-Cost I2C Battery Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2745 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS2745 Datasheet HTML 6Page - Maxim Integrated Products DS2745 Datasheet HTML 7Page - Maxim Integrated Products DS2745 Datasheet HTML 8Page - Maxim Integrated Products DS2745 Datasheet HTML 9Page - Maxim Integrated Products DS2745 Datasheet HTML 10Page - Maxim Integrated Products DS2745 Datasheet HTML 11Page - Maxim Integrated Products DS2745 Datasheet HTML 12Page - Maxim Integrated Products DS2745 Datasheet HTML 13Page - Maxim Integrated Products DS2745 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DS2745 Low-Cost I
2C Battery Monitor
13 of 14
Read/Write Bit
The R/W bit following the slave address determines the data direction of subsequent bytes in the transfer. R/W = 0
selects a write transaction, with the following bytes being written by the master to the slave. R/W = 1 selects a read
transaction, with the following bytes being read from the stave by the master.
Bus Timing
The DS2745 is compatible with any bus timing up to 400kHz. No special configuration is required to operate at any
speed.
2-Wire Command Protocols
The command protocols involve several transaction formats. The simplest format consists of the master writing the
START bit, slave address, R/W bit, and then monitoring the acknowledge bit for presence of the DS2745. More
complex formats such as the Write Data, Read Data and Function command protocols write data, read data and
execute device specific operations. All bytes in each command format require the slave or host to return an
Acknowledge bit before continuing with the next byte. Each function command definition outlines the required
transaction format. The following key applies to the transaction formats.
Table 3. 2-Wire Protocol Key
KEY
DESCRIPTION
KEY
DESCRIPTION
S
START bit
Sr
Repeated START
SAddr
Slave Address (7-bit)
W
R/W bit = 0
FCmd
Function Command byte
R
R/W bit = 1
MAddr
Memory Address byte
P
STOP bit
Data
Data byte written by master
Data
Data byte returned by slave
A
Acknowledge bit - Master
A
Acknowledge bit
¾Slave
N
No Acknowledge - Master
N
No Acknowledge
¾Slave
Basic Transaction Formats
Write:
S SAddr W A MAddr A Data0 A P
A write transaction transfers one or more data bytes to the DS2745. The data transfer begins at the memory
address supplied in the MAddr byte. Control of the SDA signal is retained by the master throughout the transaction,
except for the Acknowledge cycles.
Read:
S SAddr W A MAddr A Sr SAddr R A Data0 N P
Write Portion
Read Portion
A read transaction transfers one or more bytes from the DS2745. Read transactions are composed of two parts, a
write portion followed by a read portion, and is therefore inherently longer than a write transaction. The write portion
communicates the starting point for the read operation. The read portion follows immediately, beginning with a
Repeated START, Slave Address with R/W set to a 1. Control of SDA is assumed by the DS2745 beginning with
the Slave Address Acknowledge cycle. Control of the SDA signal is retained by the DS2745 throughout the
transaction, except for the Acknowledge cycles. The master indicates the end of a read transaction by responding
to the last byte it requires with a No Acknowledge. This signals the DS2745 that control of SDA is to remain with
the master following the Acknowledge clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com