Electronic Components Datasheet Search
  English  ▼

X  

DS2745 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2745
Description  Low-Cost I2C Battery Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2745 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2745 Datasheet HTML 1Page - Maxim Integrated Products DS2745 Datasheet HTML 2Page - Maxim Integrated Products DS2745 Datasheet HTML 3Page - Maxim Integrated Products DS2745 Datasheet HTML 4Page - Maxim Integrated Products DS2745 Datasheet HTML 5Page - Maxim Integrated Products DS2745 Datasheet HTML 6Page - Maxim Integrated Products DS2745 Datasheet HTML 7Page - Maxim Integrated Products DS2745 Datasheet HTML 8Page - Maxim Integrated Products DS2745 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS2745 Low-Cost I
2C Battery Monitor
4 of 14
Note 1:
All voltages are referenced to VSS.
Note 2:
Offset specified after auto-calibration cycle and Current Offset Bias register (COBR) set to 00h.
Note 3:
To properly enter sleep mode, SMOD=1, and the application should hold SDA and SCL low for longer
than the maximum tSLEEP.
Note 4:
NBEN = 0, Current Offset Bias Register (COBR) set to 00h, and Accumulation Bias Register (ABR)
set to 00h.
Note 5:
Parameters guaranteed by design.
Note 6:
Timing must be fast enough to prevent the DS2745 from entering sleep mode due to SDA,SCL low
for period >
tSLEEP.
Note 7:
fSCL must meet the minimum clock low time plus the rise/fall times.
Note 8:
The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the
SCL
signal.
Note 9:
This device internally provides a hold time of at least 300 ns for the SDA signal (referred to the
VIHmin of
the SCL signal) to bridge the undefined region of the falling edge of SCL.
Note 10:
Filters on SDA and SCL suppress noise spikes at the input buffers and delay the sampling instant.
Note 11:
CB
¾total capacitance of one bus line in pF.
Note 12:
The first voltage measurement after writing the ACR or after device POR is not valid.
Figure 1. I2C Bus Timing Diagram
SDA
SCL
tF
t
R
t
SU;DAT
t
LOW
S
t
HD;STA
tHD;DAT
tF
tSU;STA
t
HD;STA
tSU;STO
t
R
t
BUF
t
SP
Sr
P
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com