Electronic Components Datasheet Search
  English  ▼

X  

DS2745 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2745
Description  Low-Cost I2C Battery Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2745 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2745 Datasheet HTML 1Page - Maxim Integrated Products DS2745 Datasheet HTML 2Page - Maxim Integrated Products DS2745 Datasheet HTML 3Page - Maxim Integrated Products DS2745 Datasheet HTML 4Page - Maxim Integrated Products DS2745 Datasheet HTML 5Page - Maxim Integrated Products DS2745 Datasheet HTML 6Page - Maxim Integrated Products DS2745 Datasheet HTML 7Page - Maxim Integrated Products DS2745 Datasheet HTML 8Page - Maxim Integrated Products DS2745 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS2745 Low-Cost I
2C Battery Monitor
3 of 14
±2
-20°C ≤ TA ≤ +70°C,
2.5V ≤ VDD ≤ 5.5V
±3
Input Resistance, VIN
RIN
15
M
W
Input Logic High:
SCL, SDA
VIH
(Note 1)
1.5
V
Input Logic Low:
SCL, SDA
VIL
(Note 1)
0.6
V
Output Logic Low:
SDA, PIO
VOL
IOL = 4mA (Note 1)
0.4
V
Pulldown Current: SCL,
SDA
IPD
0.25
mA
Input Capacitance: SCL,
SDA
CBUS
50
pF
SLEEP Timeout
tSLEEP
(Note 3)
2.2
S
Input Logic High:
PIO
VIH
(Note 1)
VDD x 0.7
V
Input Logic Low:
PIO
VIL
(Note 1)
VDD x 0.3
V
2-WIRE INTERFACE TIMING SPECIFICATIONS
(VDD = 2.5V to 5.5V, TA = -20
°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 6)
0
400
KHz
Bus Free Time Between a
STOP and START Condition
tBUF
1.3
µs
Hold Time (Repeated)
START Condition
tHD:STA
(Note 7)
0.6
µs
Low Period of SCL Clock
tLOW
1.3
µs
High Period of SCL Clock
tHIGH
0.6
µs
Setup Time for a Repeated
START Condition
tSU:STA
0.6
µs
Data Hold Time
tHD:DAT
(Note 8, 9)
0
0.9
µs
Data Setup Time
tSU:DAT
(Note 8)
100
ns
Rise Time of Both SDA and
SCL Signals
tR
20 + 0.1CB
300
ns
Fall Time of Both SDA and
SCL Signals
tF
20 + 0.1CB
300
ns
Setup Time for STOP
Condition
tSU:STO
0.6
µs
Spike Pulse Widths
Suppressed by Input Filter
tSP
(Note 10)
0
50
ns
Capacitive Load for Each
Bus
Line
CB
(Note 11)
400
pF
SCL, SDA Input
Capacitance
CBIN
60
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com