Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  DLPC900 Digital Controller for Advanced Light Control
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 8Page - Texas Instruments DLPC900 Datasheet HTML 9Page - Texas Instruments DLPC900 Datasheet HTML 10Page - Texas Instruments DLPC900 Datasheet HTML 11Page - Texas Instruments DLPC900 Datasheet HTML 12Page - Texas Instruments DLPC900 Datasheet HTML 13Page - Texas Instruments DLPC900 Datasheet HTML 14Page - Texas Instruments DLPC900 Datasheet HTML 15Page - Texas Instruments DLPC900 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
12
DLPC900
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
www.ti.com
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
(1)
Port 1 and Port 2 are capable of 24-bits each. A maximum of 8-bits is available in each of the A, B, and C channels. The 8-bit color
input should be connected to bits [9:2] of the corresponding A, B, C input channels. Sources feeding 8-bits or less per color component
channel should be MSB justified when connected to the DLPC900, and the LSBs tied to ground along with the data lines 0 and 1 from
every channel. Three port clocks options (1, 2, and 3) are provided to improve the signal integrity.
(2)
Ports 1 and 2 can be used separately as two 24-bit ports, or can be combined into one 48-bit port (typically, for high data rate sources)
for transmission of two pixels per clock.
(3)
The A, B, C input data channels of ports 1 and 2 can be internally reconfigured or remapped for optimum board layout. Specifically each
channel can individually remapped to the internal GBR/ YCbCr channels. For example, G data can be connected to channel A, B, or C
and remapped to be appropriate channel internally. Port configuration and channel multiplexing is handled in the API software.
(4)
Refer to I/O Type and Subscript Definition (Table 1).
(5)
Port 1 and Port 2 are capable of 24-bits each. A maximum of 8-bits is available in each of the A, B, and C channels. The 8-bit color
input should be connected to bits [9:2] of the corresponding A, B, C input channels. Sources feeding 8-bits or less per color component
channel should be MSB justified when connected to the DLPC900, and the LSBs tied to ground along with the data lines 0 and 1 from
every channel. Three port clocks options (1, 2, and 3) are provided to improve the signal integrity.
Port 1 and Port 2 Channel Data and Control Pin Functions
PIN (1) (2) (3)
I/O
POWER
I/O TYPE
(4)
CLK SYSTEM
DESCRIPTION
NAME
NUMBER
P_CLK1
AE22
VDD33
I4
D
N/A
Input port data pixel write clock (selectable as rising or falling
edge triggered, and with which port it is associated (Port 1 or
Port 2 or (Port 1 and Port 2))).
P_CLK2
W25
VDD33
I4
D
N/A
Input port data pixel write clock (selectable as rising or falling
edge triggered, and with which port it is associated (Port 1 or
Port 2 or (Port 1 and Port 2))).
P_CLK3
AF23
VDD33
I4
D
N/A
Input port data pixel write clock (selectable as rising or falling
edge triggered, and with which port it is associated (Port 1 or
Port 2 or (Port 1 and Port 2))).
P_DATEN1
AF22
VDD33
I4
D
P_CLK1,
P_CLK2, or
P_CLK3
Active high data enable. Selectable as to which port it is
associated with (Port 1 or Port 2 or (Port 1 and Port 2)).
P_DATEN2
W24
VDD33
I4
D
P_CLK1,
P_CLK2, or
P_CLK3
Active high data enable. Selectable as to which port it is
associated with (Port 1 or Port 2 or (Port 1 and Port 2)).
P1_A9
P1_A8
P1_A7
P1_A6
P1_A5
P1_A4
P1_A3
P1_A2
P1_A1 (5)
P1_A0 (5)
AD15
AE15
AE14
AE13
AD13
AC13
AF14
AF13
AF12
AE12
VDD33
I4
D
P_CLK1,
P_CLK2, or
P_CLK3
Port 1 A channel input pixel data (bit weight 128)
Port 1 A channel input pixel data (bit weight 64)
Port 1 A channel input pixel data (bit weight 32)
Port 1 A channel input pixel data (bit weight 16)
Port 1 A channel input pixel data (bit weight 8)
Port 1 A channel input pixel data (bit weight 4)
Port 1 A channel input pixel data (bit weight 2)
Port 1 A channel input pixel data (bit weight 1)
Unused, tie to 0
Unused, tie to 0
P1_B9
P1_B8
P1_B7
P1_B6
P1_B5
P1_B4
P1_B3
P1_B2
P1_B1 (5)
P1_B0 (5)
AF18
AB18
AC15
AC16
AD16
AE16
AF16
AF15
AC14
AD14
VDD33
I4
D
P_CLK1,
P_CLK2, or
P_CLK3
Port 1 B channel input pixel data (bit weight 128)
Port 1 B channel input pixel data (bit weight 64)
Port 1 B channel input pixel data (bit weight 32)
Port 1 B channel input pixel data (bit weight 16)
Port 1 B channel input pixel data (bit weight 8)
Port 1 B channel input pixel data (bit weight 4)
Port 1 B channel input pixel data (bit weight 2)
Port 1 B channel input pixel data (bit weight 1)
Unused, tie to 0
Unused, tie to 0
P1_C9
P1_C8
P1_C7
P1_C6
P1_C5
P1_C4
P1_C3
P1_C2
P1_C1 (5)
P1_C0 (5)
AD20
AE20
AE21
AF21
AD19
AE19
AF19
AF20
AC19
AE18
VDD33
I4
D
P_CLK1,
P_CLK2, or
P_CLK3
Port 1 C channel input pixel data (bit weight 128)
Port 1 C channel input pixel data (bit weight 64)
Port 1 C channel input pixel data (bit weight 32)
Port 1 C channel input pixel data (bit weight 16)
Port 1 C channel input pixel data (bit weight 8)
Port 1 C channel input pixel data (bit weight 4)
Port 1 C channel input pixel data (bit weight 2)
Port 1 C channel input pixel data (bit weight 1)
Unused, tie to 0
Unused, tie to 0
P1_VSYNC
AC20
VDD33
B2
D
P_CLK1,
P_CLK2, or
P_CLK3
Port 1 vertical sync. While intended to be associated with
port 1, it can be programmed for use with port 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com