Electronic Components Datasheet Search
  English  ▼

X  

DLPC900 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC900
Description  DLPC900 Digital Controller for Advanced Light Control
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC900 Datasheet HTML 9Page - Texas Instruments DLPC900 Datasheet HTML 10Page - Texas Instruments DLPC900 Datasheet HTML 11Page - Texas Instruments DLPC900 Datasheet HTML 12Page - Texas Instruments DLPC900 Datasheet HTML 13Page - Texas Instruments DLPC900 Datasheet HTML 14Page - Texas Instruments DLPC900 Datasheet HTML 15Page - Texas Instruments DLPC900 Datasheet HTML 16Page - Texas Instruments DLPC900 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
13
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
Port 1 and Port 2 Channel Data and Control Pin Functions (continued)
PIN (1) (2) (3)
I/O
POWER
I/O TYPE
(4)
CLK SYSTEM
DESCRIPTION
NAME
NUMBER
P1_HSYNC
AD21
VDD33
B2
D
P_CLK1,
P_CLK2, or
P_CLK3
Port 1 horizontal sync. While intended to be associated with
port 1, it can be programmed for use with port 2.
P2_A9
P2_A8
P2_A7
P2_A6
P2_A5
P2_A4
P2_A3
P2_A2
P2_A1 (5)
P2_A0 (5)
AD26
AD25
AB21
AC22
AD23
AB20
AC21
AD22
AE23
AB19
VDD33
I4
D
P_CLK1,
P_CLK2, or
P_CLK3
Port 2 A channel input pixel data (bit weight 128)
Port 2 A channel input pixel data (bit weight 64)
Port 2 A channel input pixel data (bit weight 32)
Port 2 A channel input pixel data (bit weight 16)
Port 2 A channel input pixel data (bit weight 8)
Port 2 A channel input pixel data (bit weight 4)
Port 2 A channel input pixel data (bit weight 2)
Port 2 A channel input pixel data (bit weight 1)
Unused, tie to 0
Unused, tie to 0
P2_B9
P2_B8
P2_B7
P2_B6
P2_B5
P2_B4
P2_B3
P2_B2
P2_B1 (5)
P2_B0 (5)
Y22
AB26
AA23
AB25
AA22
AB24
AC26
AB23
AC25
AC24
VDD33
I4
D
P_CLK1,
P_CLK2, or
P_CLK3
Port 2 B channel input pixel data (bit weight 128)
Port 2 B channel input pixel data (bit weight 64)
Port 2 B channel input pixel data (bit weight 32)
Port 2 B channel input pixel data (bit weight 16)
Port 2 B channel input pixel data (bit weight 8)
Port 2 B channel input pixel data (bit weight 4)
Port 2 B channel input pixel data (bit weight 2)
Port 2 B channel input pixel data (bit weight 1)
Unused, tie to 0
Unused, tie to 0
P2_C9
P2_C8
P2_C7
P2_C6
P2_C5
P2_C4
P2_C3
P2_C2
P2_C1 (5)
P2_C0 (5)
W23
V22
Y26
Y25
Y24
Y23
W22
AA26
AA25
AA24
VDD33
I4
D
P_CLK1,
P_CLK2, or
P_CLK3
Port 2 C channel input pixel data (bit weight 128)
Port 2 C channel input pixel data (bit weight 64)
Port 2 C channel input pixel data (bit weight 32)
Port 2 C channel input pixel data (bit weight 16)
Port 2 C channel input pixel data (bit weight 8)
Port 2 C channel input pixel data (bit weight 4)
Port 2 C channel input pixel data (bit weight 2)
Port 2 C channel input pixel data (bit weight 1)
Unused, tie to 0
Unused, tie to 0
P2_VSYNC
U22
VDD33
B2
D
P_CLK1,
P_CLK2, or
P_CLK3
Port 2 vertical sync. While intended to be associated with
port 2, it can be programmed for use with port 1.
P2_HSYNC
W26
VDD33
B2
D
P_CLK1,
P_CLK2, or
P_CLK3
Port 2 horizontal sync. While intended to be associated with
port 2, it can be programmed for use with port 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com