Electronic Components Datasheet Search
  English  ▼

X  

SAF-C161PI Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # SAF-C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C161PI Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button SAF-C161PI Datasheet HTML 28Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 29Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 30Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 31Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 32Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 33Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 34Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 35Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 400 page
background image
&3,
$UFKLWHFWXUDO2YHUYLHZ
User’s Manual
2-16
1999-08
Watchdog Timer
The Watchdog Timer represents one of the fail-safe mechanisms which have been
implemented to prevent the controller from malfunctioning for longer periods of time.
The Watchdog Timer is always enabled after a reset of the chip, and can only be
disabled in the time interval until the EINIT (end of initialization) instruction has been
executed. Thus, the chip’s start-up procedure is always monitored. The software has to
be designed to service the Watchdog Timer before it overflows. If, due to hardware or
software related failures, the software fails to do so, the Watchdog Timer overflows and
generates an internal hardware reset and pulls the RSTOUT pin low in order to allow
external hardware components to reset.
The Watchdog Timer is a 16-bit timer, clocked with the CPU clock divided either by 2 or by
128. The high byte of the Watchdog Timer register can be set to a prespecified reload
value (stored in WDTREL) in order to allow further variation of the monitored time interval.
Each time it is serviced by the application software, the high byte of the Watchdog Timer
is reloaded. Thus, time intervals between 21 µs and 335 ms can be monitored (@
25 MHz). The default Watchdog Timer interval after reset is 5.2 ms (@ 25 MHz).
Real Time Clock
The C161PI contains a real time clock (RTC) which serves for different purposes:
• System clock to determine the current time and date,
even during idle mode and power down mode (optionally)
• Cyclic time based interrupt, e.g. to provide a system time tick independent of the CPU
frequency without loading the general purpose timers, or to wake up regularly from
idle mode.
• 48-bit timer for long term measurements,
the maximum usable timespan is more than 100 years.
The RTC module consists of a chain of 3 divider blocks, a fixed 8:1 divider, the
reloadable 16-bit timer T14 and the 32-bit RTC timer (accessible via registers RTCH and
RTCL). Both timers count up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com