Electronic Components Datasheet Search
  English  ▼

X  

SAF-C161PI Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # SAF-C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C161PI Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button SAF-C161PI Datasheet HTML 29Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 30Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 31Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 32Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 33Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 34Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 35Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 36Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 400 page
background image
&3,
$UFKLWHFWXUDO2YHUYLHZ
User’s Manual
2-17
1999-08
Parallel Ports
The C161PI provides up to 76 IO lines which are organized into six input/output ports
and one input port. All port lines are bit-addressable, and all input/output lines are
individually (bit-wise) programmable as inputs or outputs via direction registers. The IO
ports are true bidirectional ports which are switched to high impedance state when
configured as inputs. The output drivers of three IO ports can be configured (pin by pin)
for push/pull operation or open-drain operation via control registers. During the internal
reset, all port pins are configured as inputs.
All port lines have programmable alternate input or output functions associated with
them. PORT0 and PORT1 may be used as address and data lines when accessing
external memory, while Port 4 outputs the additional segment address bits A22/19/
17...A16 in systems where segmentation is used to access more than 64 KBytes of
memory. Port 6 provides I2C Bus lines and the chip select signals CS4...CS0. Port 2
accepts the fast external interrupt inputs. Port 3 includes alternate functions of timers,
serial interfaces, the optional bus control signal BHE and the system clock output
(CLKOUT). Port 5 is used for timer control signals and for the analog inputs to the A/D
Converter. All port lines that are not used for these alternate functions may be used as
general purpose IO lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com