Electronic Components Datasheet Search
  English  ▼

X  

SAF-C161PI Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # SAF-C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C161PI Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button SAF-C161PI Datasheet HTML 49Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 50Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 51Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 52Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 53Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 54Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 55Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 56Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 400 page
background image
&3,
7KH &HQWUDO 3URFHVVLQJ 8QLW &38
User’s Manual
4-5
1999-08
Figure 4-2
Sequential Instruction Pipelining
Standard Branch Instruction Processing
Instruction pipelining helps to speed sequential program processing. In the case that a
branch is taken, the instruction which has already been fetched providently is mostly not
the instruction which must be decoded next. Thus, at least one additional machine cycle
is normally required to fetch the branch target instruction. This extra machine cycle is
provided by means of an injected instruction (see figure below).
Figure 4-3
Standard Branch Instruction Pipelining
If a conditional branch is not taken, there is no deviation from the sequential program
flow, and thus no extra time is required. In this case the instruction after the branch
instruction will enter the decode stage of the pipeline at the beginning of the next
machine cycle after decode of the conditional branch instruction.
1 Machine
Cycle
FETCH
I
2
I
1
I
3
I
2
I
1
I
4
I
3
I
2
I
1
I
6
I
5
I
4
I
3
I
5
I
4
I
3
I
2
I
1
DECODE
EXECUTE
WRITEBACK
time
1 Machine
Cycle
FETCH
I
n+2
BRANCH
I
n
. . .
I
TARGET
(I
INJECT)
BRANCH
I
n
I
TARGET+1
I
TARGET
(I
INJECT)
BRANCH
I
TARGET+3
I
TARGET+2
I
TARGET+1
I
TARGET
I
TARGET+2
I
TARGET+1
I
TARGET
(I
INJECT)
BRANCH
I
n
. . .
. . .
DECODE
EXECUTE
WRITEBACK
time
Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com