Electronic Components Datasheet Search
  English  ▼

X  

S8233C Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S8233C
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8233C Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S8233C Datasheet HTML 1Page - Seiko Instruments Inc S8233C Datasheet HTML 2Page - Seiko Instruments Inc S8233C Datasheet HTML 3Page - Seiko Instruments Inc S8233C Datasheet HTML 4Page - Seiko Instruments Inc S8233C Datasheet HTML 5Page - Seiko Instruments Inc S8233C Datasheet HTML 6Page - Seiko Instruments Inc S8233C Datasheet HTML 7Page - Seiko Instruments Inc S8233C Datasheet HTML 8Page - Seiko Instruments Inc S8233C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
Rev.4.0_00
S-8233C Series
Seiko Instruments Inc.
5
Electrical Characteristics
Table 4 (1 / 2)
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measure-
ment
condition
Measure-
ment
circuit
Detection voltage
Over charge detection voltage 1
VCU1
3.80 to 4.40 Adjustment
VCU1-0.05
VCU1
VCU1+0.05
V
1
1
Over charge release voltage 1
VCD1
3.45 to 4.40 Adjustment
VCD1-0.10
VCD1
VCD1+0.10
V
1
1
Over discharge detection voltage 1
VDD1
2.00 to 2.80 Adjustment
VDD1-0.08
VDD1
VDD1+0.08
V
1
1
Over discharge release voltage 1
VDU1
2.00 to 4.00 Adjustment
VDU1-0.10
VDU1
VDU1+0.10
V
1
1
Over charge detection voltage 2
VCU2
3.80 to 4.40 Adjustment
VCU2-0.05
VCU2
VCU2+0.05
V
2
1
Over charge release voltage 2
VCD2
3.45 to 4.40 Adjustment
VCD2-0.10
VCD2
VCD2+0.10
V
2
1
Over discharge detection voltage 2
VDD2
2.00 to 2.80 Adjustment
VDD2-0.08
VDD2
VDD2+0.08
V
2
1
Over discharge release voltage 2
VDU2
2.00 to 4.00 Adjustment
VDU2-0.10
VDU2
VDU2+0.10
V
2
1
Over charge detection voltage 3
VCU3
3.80 to 4.40 Adjustment
VCU3-0.05
VCU3
VCU3+0.05
V
3
1
Over charge release voltage 3
VCD3
3.45 to 4.40 Adjustment
VCD3-0.10
VCD3
VCD3+0.10
V
3
1
Over discharge detection voltage 3
VDD3
2.00 to 2.80 Adjustment
VDD3-0.08
VDD3
VDD3+0.08
V
3
1
Over discharge release voltage 3
VDU3
2.00 to 4.00 Adjustment
VDU3-0.10
VDU3
VDU3+0.10
V
3
1
Over current detection voltage 1
*1
VIOV1 0.15 to 0.50V Adjustment VIOV1×0.9
VIOV1
VIOV1×1.1
V
4
2
Over current detection voltage 2
VIOV2
VCC Reference
0.54
0.6
0.66
V
4
2
Over current detection voltage 3
VIOV3
VSS Reference
1.0
2.0
3.0
V
4
2
Voltage temperature factor 1
*2
TCOE1
Ta=-20 to 70°C
-1.0
0
1.0
mV/°C
−
−
Voltage temperature factor 2
*3
TCOE2
Ta=-20 to 70°C
-0.5
0
0.5
mV/°C
−
−
Delay time
Over charge detection delay time 1
tCU1
CCCT=0.47
µF
0.5
1.0
1.5
s
9
6
Over charge detection delay time 2
tCU2
CCCT=0.47
µF
0.5
1.0
1.5
s
10
6
Over charge detection delay time 3
tCU3
CCCT=0.47
µF
0.5
1.0
1.5
s
11
6
Over discharge detection delay time 1
tDD1
CCDT=0.1
µF
20
40
60
ms
9
6
Over discharge detection delay time 2
tDD2
CCDT=0.1
µF
20
40
60
ms
10
6
Over discharge detection delay time 3
tDD3
CCDT=0.1
µF
20
40
60
ms
11
6
Over current detection delay time 1
tIOV1
CCOVT=0.1
µF
10
20
30
ms
12
7
Over current detection delay time 2
tIOV2
−
2
4
8
ms
12
7
Over current detection delay time 3
tIOV3
FET gate capacitor
=2000 pF
100
300
550
µs
12
7
Operating voltage
Operating voltage between VCC and
VSS
*4
VDSOP
−
2.0
−
24
V
−
−
Current consumption
Current consumption (during normal
operation)
IOPE
V1=V2=V3=3.5 V
−
20
50
µA
5
3
Current consumption for cell 1
ICELL1
V1=V2=V3=3.5 V
−300
0
300
nA
5
3
Current consumption for cell 2
ICELL2
V1=V2=V3=3.5 V
−300
0
300
nA
5
3
Current consumption for cell 3
ICELL3
V1=V2=V3=3.5 V
−300
0
300
nA
5
3
Current consumption at power down
IPDN
V1=V2=V3=1.5 V
−
−
0.1
µA
5
3
Internal resistance with 0V battery charging function type
Resistance between VCC and VMP
RVCM
V1=V2=V3=3.5 V
0.20
0.50
0.80
M
Ω
6
3
Resistance between VSS and VMP
RVSM
V1=V2=V3=1.5 V
0.20
0.50
0.80
M
Ω
6
3
Internal resistance without 0V battery charging function type.
Resistance between VCC and VMP
RVCM
V1=V2=V3=3.5 V
0.40
0.90
1.40
M
Ω
6
3
Resistance between VSS and VMP
RVSM
V1=V2=V3=1.5 V
0.40
0.90
1.40
M
Ω
6
3
Input voltage
CTL"H" Input voltage
VCTL(H)
−
VCC x 0.8
−
−
V
−
−
CTL"L" Input voltage
VCTL(L)
−
−
−
VCC x 0.2
V
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com