Electronic Components Datasheet Search
  English  ▼

X  

S8233C Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8233C
Description  BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8233C Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8233C Datasheet HTML 2Page - Seiko Instruments Inc S8233C Datasheet HTML 3Page - Seiko Instruments Inc S8233C Datasheet HTML 4Page - Seiko Instruments Inc S8233C Datasheet HTML 5Page - Seiko Instruments Inc S8233C Datasheet HTML 6Page - Seiko Instruments Inc S8233C Datasheet HTML 7Page - Seiko Instruments Inc S8233C Datasheet HTML 8Page - Seiko Instruments Inc S8233C Datasheet HTML 9Page - Seiko Instruments Inc S8233C Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C Series
Rev.4.0_00
Seiko Instruments Inc.
6
Table 4 (2 / 2)
(Ta
= 25 °C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Measure-
ment
condition
Measure-
ment
circuit
Output voltage
DOP"H" voltage
VDO(H)
IOUT=10
µA
VCC-0.5
−
−
V
7
4
DOP"L" voltage
VDO(L)
IOUT=10
µA
−
−
VSS+0.1
V
7
4
COP"L" voltage
VCO(L)
IOUT=10
µA
−
−
VSS+0.1
V
8
5
COP OFF LEAK current
ICOL
V1=V2=V3=4.5 V
−
−
100
nA
14
9
CSO"H" voltage
VCSO(H)
IOUT=0.1
µA
VCC-0.5
−
−
V
13
8
CSO"L" voltage
VCSO(L)
IOUT=10
µA
−
−
VSS+0.1
V
13
8
ISO"H" voltage
VISO(H)
IOUT=0.1
µA
VCC-0.5
−
−
V
13
8
ISO"L" voltage
VISO(L)
IOUT=10
µA
−
−
VSS+0.1
V
13
8
DSO"H" voltage
VDSO(H)
IOUT=0.1
µA
VCC-0.5
−
−
V
13
8
DSO"L" voltage
VDSO(L)
IOUT=10
µA
−
−
VSS+0.1
V
13
8
0 V battery charging function
*5
0 V charging start voltage
V0CHAR
V1=V2=V3=0 V
−
−
1.4
V
15
10
*1. If over current detection voltage 1 is 0.50 V, both over current detection voltages 1 and 2 are 0.54 V to 0.55
V, but VIOV2 > VIOV1.
*2. Voltage temperature factor 1 indicates over charge detection voltage, over charge release voltage, over
discharge detection voltage, and over discharge release voltage.
*3. Voltage temperature factor 2 indicates over current detection voltage.
*4. The DOP and COP logic must be established for the operating voltage.
*5. This spec applies for only 0 V battery charging function available type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com